Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1106L-50-AF5-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LR1106L-50-AF5-R
Description  LARGE CURRENT POSITIVE VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106L-50-AF5-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LR1106L-50-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1106L-50-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1106L-50-AF5-R Datasheet HTML 9Page - Unisonic Technologies LR1106L-50-AF5-R Datasheet HTML 10Page - Unisonic Technologies LR1106L-50-AF5-R Datasheet HTML 11Page - Unisonic Technologies LR1106L-50-AF5-R Datasheet HTML 12Page - Unisonic Technologies LR1106L-50-AF5-R Datasheet HTML 13Page - Unisonic Technologies LR1106L-50-AF5-R Datasheet HTML 14Page - Unisonic Technologies LR1106L-50-AF5-R Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 16
www.unisonic.com.tw
QW-R502-055,F
TYPICAL CHARACTERISTICS (Cont.)
Time (40μsec/div)
5
IOUT=1mA
CIN=CL=1μF (tantalum)
TOPR=25℃
Input Voltage
Output Voltage
4
3
2
1
0
-1
2.1
2.3
2.5
2.7
2.9
3.1
3.3
Time (40μsec/div)
5
IOUT=200mA
CIN=CL=1μF (tantalum)
TOPR=25℃
Input Voltage
Output Voltage
4
3
2
1
0
-1
2.1
2.3
2.6
2.7
2.9
3.1
3.3
Output Voltage
Input Transient Response
Input Transient Response
Time (1msec/div)
3
VIN=3.5V
CIN=CL=1.0μF (tantalum)
Output Voltage
2
1
0
-1
200
160
120
80
40
0
Output Current
40mA
1mA
4
Time (1msec/div)
4
VIN=3.5V
CIN=CL=1μF (tantalum)
Output Voltage
2
1
0
-1
200
0
Output Current
200mA
1mA
400
600
800
1000
3
Load Transient Response
Load Transient Response
Ripple Frequency, f (kHz)
100
VIN=3.5VDC+1VP-PAC
IOUT=40mA
CL=1μF (tantalum)
10
0.1
0.01
0
10
20
30
40
50
60
1
Ripple Frequency, f (kHz)
100
VIN=3.5VDC+1VP-PAC
IOUT=100mA,
CL=1μF (tantalum)
10
0.1
0.01
0
10
20
30
40
50
60
1
Ripple Rejection Rate
Ripple Rejection Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com