Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT1815-X-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBT1815-X-AE3-R
Description  HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT1815-X-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBT1815-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT1815-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT1815-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT1815-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT1815
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-014,F
TYPICAL CHARACTERISTICS
Static Characteristics
Collector-Emitter Voltage ( V)
04
8
12
16
20
0
20
40
60
80
100
DC Current Gain
Collector Current, Ic ( mA)
10
2
10
1
10
0
10
3
10
3
10
2
10
1
10
0
10
-1
VCE =6 V
IB =50
µA
IB =100
µA
IB =150
µA
IB =200
µA
IB =250
µA
IB =300
µA
Base-Emitter On Voltage
10
-1
10
0
10
1
10
2
Base-Emitter Voltage (V)
0
0. 2
0.4
0.6
0. 8
1.0
V CE =6 V
CollectorCurrent , Ic (mA)
10
3
10
2
10
1
10
0
10
-1
10
1
10
2
10
3
10
4
Saturation Voltage
VCE ( SAT)
VBE ( SAT)
Ic=1 0*IB
Current Gain-Bandwidth
Product
Collector Output
Capacitance
Collector Current, Ic (mA)
10
0
10
1
10
2
10
3
10
0
10
1
10
2
V CE =6V
Collector- Base Voltage ( V)
10
0
10
1
10
2
10
0
10
1
10
2
10
3
f=1MH z
IE =0
10
-1
10
-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com