Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222A-AN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBT2222A-AN3-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT2222A-AN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBT2222A-AN3-R Datasheet HTML 1Page - Unisonic Technologies MMBT2222A-AN3-R Datasheet HTML 2Page - Unisonic Technologies MMBT2222A-AN3-R Datasheet HTML 3Page - Unisonic Technologies MMBT2222A-AN3-R Datasheet HTML 4Page - Unisonic Technologies MMBT2222A-AN3-R Datasheet HTML 5Page - Unisonic Technologies MMBT2222A-AN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBT2222A
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-019,D
NPN GENERAL PURPOSE
AMPLIFIER
FEATURES
* This device is for use as a medium power amplifier and switch
requiring collector currents up to 500mA.
SOT-23
1
2
3
SOT-523
1
2
3
*Pb-free plating product number:
MMBT2222AL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
MMBT2222A-AE3-R
MMBT2222AL-AE3-R
SOT-23
E
B
C
Tape Reel
MMBT2222A-AN3-R
MMBT2222AL-AN3-R
SOT-523
E
B
C
Tape Reel
MMBT2222AL-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AE3: SOT-23, AN3: SOT-523
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
1P


Similar Part No. - MMBT2222A-AN3-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT2222A-AU PANJIT-MMBT2222A-AU Datasheet
604Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2222A-AU_A0_00001 PANJIT-MMBT2222A-AU_A0_00001 Datasheet
604Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2222A-AU_A0_10001 PANJIT-MMBT2222A-AU_A0_10001 Datasheet
604Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2222A-AU_A1_00001 PANJIT-MMBT2222A-AU_A1_00001 Datasheet
604Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2222A-AU_A1_10001 PANJIT-MMBT2222A-AU_A1_10001 Datasheet
604Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results

Similar Description - MMBT2222A-AN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com