Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBT3904-AE3-R
Description  GENERAL PURPOSE APPLIATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT3904-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBT3904-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT3904-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT3904-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBT3904
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-012,B
GENERAL PURPOSE
APPLIATION
FEATURES
* Collector-Emitter Voltage: VCEO=40V
* Collector Dissipation: PD(MAX)=350mW
* Complementary to UTC MMBT3906
*Pb-free plating product number: MMBT3904L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
MMBT3904-AE3-R
MMBT3904L-AE3-R
SOT-23
E
B
C
Tape Reel
MMBT3904-AL3-R
MMBT3904L-AL3-R
SOT-323
E
B
C
Tape Reel
MMBT3904L-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AE3: SOT-23, AL3: SOT-323
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING


Similar Part No. - MMBT3904-AE3-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
MMBT3904-A HUIXIN-MMBT3904-A Datasheet
2Mb / 3P
TRANSISTOR (NPN)
logo
Pan Jit International I...
MMBT3904-AU PANJIT-MMBT3904-AU Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904-AU_A0_00001 PANJIT-MMBT3904-AU_A0_00001 Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904-AU_A0_10001 PANJIT-MMBT3904-AU_A0_10001 Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904-AU_A1_00001 PANJIT-MMBT3904-AU_A1_00001 Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results

Similar Description - MMBT3904-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT3906 UTC-MMBT3906 Datasheet
50Kb / 3P
GENERAL PURPOSE APPLIATION
2N3906 UTC-2N3906 Datasheet
106Kb / 3P
GENERAL PURPOSE APPLIATION
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Unisonic Technologies
2N3906 UTC-2N3906_12 Datasheet
192Kb / 3P
GENERAL PURPOSE APPLIATION
MMBT3904 UTC-MMBT3904_11 Datasheet
155Kb / 3P
GENERAL PURPOSE APPLIATION
MMBT3906 UTC-MMBT3906_09 Datasheet
140Kb / 3P
GENERAL PURPOSE APPLIATION
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com