Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401L-AE3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MMBT4401L-AE3-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT4401L-AE3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MMBT4401L-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT4401L-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT4401L-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT4401L-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBT4401L-AE3-R Datasheet HTML 5Page - Unisonic Technologies MMBT4401L-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMBT4401
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R206-035,B
TYPICAL CHARACTERISTICS(Cont.)
10
100
1000
160
0
Collector Current, IC (mA)
Turn On and Turn Off Times
vs Collector Current
80
240
320
400
VCC=25V
toff
ton
IB1=IB2=
IC
10
10
100
1000
160
0
Collector Current, IC (mA)
Switching Times
vs Collector Current
80
240
320
400
VCC=25V
tS
tF
IB1=IB2=
IC
10
tR
tD
0.25
0.75
50
025
75
Power Dissipation vs
Ambient Temperature
0.5
1
Temperature (℃)
150
125
100
SOT-23
2
6
20
010
30
Common Emitter Characteristics
4
8
60
50
40
0
Collector Current, IC (mA)
VCE =10V
TA=25℃
f=1kHz
hoe
hre
hfe
hie
Ambient Temperature, TA (°C)
0.4
1.2
40
020
60
Common Emitter Characteristics
0.8
1.6
100
80
0
hoe
hre
hfe
hie
2
2.4
VCE =10V
IC=10mA
f=1kHz
Collector Voltage, VCE (V)
0.8
0.9
10
0
515
Common Emitter Characteristics
0.85
0.95
25
20
0.75
hoe
hre
hfe
hie
1
1.05
IC=10mA
f=1kHz
TA=25℃
30 35
1.1
1.15
1.2
1.25
1.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com