Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT1015-Y-AL3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBT1015-Y-AL3-R
Description  LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT1015-Y-AL3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBT1015-Y-AL3-R Datasheet HTML 1Page - Unisonic Technologies MMBT1015-Y-AL3-R Datasheet HTML 2Page - Unisonic Technologies MMBT1015-Y-AL3-R Datasheet HTML 3Page - Unisonic Technologies MMBT1015-Y-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT1015
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-015,E
TYPICAL CHARACTERISTICS
Static Characteristics
Collector- Emitter Voltage ( V)
-0
-4
-8
-12
-16
-20
0
-10
-20
-30
-40
-50
IB =-50
µA
IB =- 100
µA
IB =- 150
µA
IB =-200
µA
IB =- 250
µA
IB =- 300
µA
DC Current Gain
Collector Current , Ic (mA)
10
2
10
1
10
0
10
3
-10
3
-10
2
-10
1
-10
0
-10
-1
V CE =-6V
Base-Emitter on Voltage
Base-Emitter Voltage ( V)
0
-0. 2
-0. 4
-0.6
-0.8
-1. 0
V CE =-6V
-10
-1
-10
0
-10
1
-10
2
Collector Current , Ic ( mA)
-10
1
Saturation Voltage
V CE (SAT)
V BE (SAT)
Ic=1 0* IB
-10
3
-10
2
-10
1
-10
0
-10
-1
-10
-1
-10
-2
-10
0
Current Gain-Bandwidth
Product
Collector Output
Capacitance
Collector Current , Ic (mA)
10
3
10
0
10
1
10
2
VCE =- 6V
Collector- Base Voltage (V)
10
0
10
1
10
2
f=1 MH z
IE =0
-10
0
-10
1
-10
2
-10
0
-10
1
-10
2
-10
3
-10
-1
-10
-1
10
-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com