Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1696-XX-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P1696-XX-S08-R
Description  150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1696-XX-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  P1696-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies P1696-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies P1696-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies P1696-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies P1696-XX-S08-R Datasheet HTML 5Page - Unisonic Technologies P1696-XX-S08-R Datasheet HTML 6Page - Unisonic Technologies P1696-XX-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P1696
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R103-035,B
TYPICAL APPLICATION
(Fixed Output Voltage Versions)
Co
Capacitor
5.0V/2A
Output Load
L1
Inductor
Output
D1
Schottky Diode
Gnd
UTC
P1696 -5.0V
1
4
2
3
5,6,7,8
VIN
FB
+
+
12V
DC Input
on / off
CIN
Capacitor
ADJUSTABLE OUTPUT VOLTAGE VERSIONS
P 1696-ADJ
1
+VIN
UNREGULATED
DC INPUT
3
5,6,7,8 GND
ON/OFF
2
Output
Keep Feedback Wiring Away From
Inductor Flux
Regulated Output
L
O
A
D
COUT
+
+
CIN
+
4
Feedback
Locate The Programming Resistors Near The
Feedback Pin Using Short Leads
Heavy Lines Must be Kept Short and Use Ground Plane
Construction for Best Results
D1
L1
CFF
R2
R1
1k
R1
R2
R1 +
VOUT×() = VREF
R2
R1
)
VOUT = VREF (1+
Where VREF = 1.23V
VOUT
VREF
-1)
R2 = R1(



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com