Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6112-SM2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA6112-SM2-R
Description  DUAL 150MW AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6112-SM2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  PA6112-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA6112-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA6112-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA6112-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA6112-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA6112-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA6112-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA6112-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PA6112
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-100,A
TYPICAL CHARACTERISTICS
Figure 1. Total Harmonic Distortion
+ Noise vs Frequency
Frequency, f (Hz)
10K
1K
20
0.01
1
10
VDD =5 V,
PO = 150 mW,
CB = 1 µF,
RL = 8 Ω,
AV
=-5
V/V
AV=
-1V
/V
AV
=-1
0V
/V
100
20K
0.001
0.1
Figure 2. Total Harmonic Distortion
+ Noise vs Output Power
Output Power, PO (mW)
100
10
0.01
1
10
500
0.001
0.1
VDD = 5 V,
RL = 8 Ω,
AV = −1 V/V
CB = 1 µF
20KHz
20Hz
1KHz
Figure 3. Total Harmonic Distortion
+ Noise vs Frequency
Frequency, f (Hz)
10K
1K
20
0.01
1
10
AV
=-5
V/V
AV
=-1
V/V
AV
=-1
0V
/V
100
20K
0.001
0.1
VDD = 5 V,
PO = 100 mW,
CB = 1 µF,
RL = 16 Ω
Figure 4. Total Harmonic Distortion
+ Noise vs Output Power
Output Power, POUT (mW)
100
10
0.01
1
10
500
0.001
0.1
VDD = 5 V,
RL = 16Ω,
AV = −1 V/V
CB = 1 µF
20KHz
1KHz
20Hz
Figure 5. Supply Ripple Rejection
Ratio Vs Frequency
Frequency, f (Hz)
10K
1K
20
-90
-30
0
100
20K
-120
-60
VDD = 5 V,
RL = 16 Ω,
AV=-1V/V
-110
-100
-80
-70
-50
-40
-20
-10
Bypass=2.5V
1µF
0.47µF
0.1µF
Figure 6. Output Noise Voltage vs
Frequency
Frequency, f (Hz)
10K
1K
20
100
100
20K
1
10
VDD = 5 V,
BW = 10 Hz ~ 22KHz
RL = 16 Ω,
AV=-1V/V
AV=-10V/V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com