Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN2222AL-AB3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PN2222AL-AB3-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PN2222AL-AB3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PN2222AL-AB3-R Datasheet HTML 1Page - Unisonic Technologies PN2222AL-AB3-R Datasheet HTML 2Page - Unisonic Technologies PN2222AL-AB3-R Datasheet HTML 3Page - Unisonic Technologies PN2222AL-AB3-R Datasheet HTML 4Page - Unisonic Technologies PN2222AL-AB3-R Datasheet HTML 5Page - Unisonic Technologies PN2222AL-AB3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PN2222A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R208-022,B
TYPICAL CHARACTERISTICS
0.1
1
10
100 300
200
0
Collector Current, IC (mA)
DC Current Gain
vs. Collector Current
100
0.3330
300
400
500
125℃
25℃
-40℃
VCE =5V
0.1
0.3
100
110
500
Collector-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
Collector Current, IC (mA)
25℃
-40℃
β=10
125℃
0.4
0.8
100
110
500
Base-Emitter Saturation Voltage
vs. Collector Current
0.6
1
Collector Current, IC (mA)
125℃
β=10
-40℃
25℃
0.4
0.8
10
0.1
1
25
Base-Emitter On Voltage
vs. Collector Current
0.6
1
Collector Current, IC (mA)
VCE =5V
0.2
25℃
-40℃
125℃
Ambient Temperature, TA(℃)
Collector-Cutoff Current
vs. Ambient Temperature
500
0.1
75
25
50
100
125
150
100
1
10
VCB=40V
0.1
1
10
100
12
4
Reverse Bias Voltage (V)
Emitter Transition and Output
Capacitance vs. Reverse Bias Voltage
8
16
20
Cte
Cob
f=1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com