Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDF Datasheet(PDF) 1 Page - TOKO, Inc

Part # CDF
Description  FM CERAMIC DISCRIMINATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

CDF Datasheet(HTML) 1 Page - TOKO, Inc

  CDF Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CDF
FM CERAMIC DISCRIMINATOR
August 2005
1
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-329-CDF
R-LOG0805A
Dimensions
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Test Circuit
TYPE CDF Discriminators
TOKO
Center
Demodulated
Demodulated
Part
Frequency
(Rank Color
Demodulated
Distortion
3dB
Applicable
Number*
(Fo)
Code)
Output
Factor
Bandwidth
IC*
#CDF107F-AE-022 A:10.70MHz±30kHZ
(None)
60mV min.
1.0% max.
220kHz min.
TA2111F
B:10.67MHz±30kHZ
(Blue)
C:10.73MHz±30kHZ
(Orange)
D:10.64MHz±30kHZ
(Black)
E:10.76MHz±30kHZ
(White)
* Ceramic discriminators are classified by exclusive IC numbers. Please ask for TOKO Part Number.
STANDARD DISCRIMINATORS SELECTION GUIDE
Description
• May be used in combination with IF step filters
to remove need for adjustment.
Features
• Compact and low profile (ideal for slimline sets)
• Low temperature coefficient for low dispersion and
stable characteristics
• Independent terminal structure
• Lead-free terminations
Applications
• Ideal for small sets, general purpose radios,
and headphone stereos.
• Wireless data communication equipment
Center Frequency:
Fo is defined as the Carrier Frequency at the D.C. output.
Test Conditions:
MOD: 1kHz, DEV: 22.5kHz, INPUT: 80dBμ
Unit: mm
CDF107F


Similar Part No. - CDF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
CDF RUBYCON-CDF Datasheet
52Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
logo
Tyco Electronics
CDF-38-70001 MACOM-CDF-38-70001 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDF-38-70002 MACOM-CDF-38-70002 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDF-38-70003 MACOM-CDF-38-70003 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
logo
TOKO, Inc
CDF107F-A0-022 TOKO-CDF107F-A0-022 Datasheet
117Kb / 1P
FM Ceramic Discriminator
More results

Similar Description - CDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA7303P ETC-TA7303P Datasheet
55Kb / 1P
FM IF Amplifier and Discriminator
logo
TOKO, Inc
CDF107F-A0-022 TOKO-CDF107F-A0-022 Datasheet
117Kb / 1P
FM Ceramic Discriminator
logo
Shenzhen Luguang Electr...
JT107MC1 LUGUANG-JT107MC1 Datasheet
141Kb / 7P
Ceramics discriminator for FM receiver
JT107MG3 LUGUANG-JT107MG3 Datasheet
157Kb / 7P
Ceramics discriminator for FM receiver
JT107MG18 LUGUANG-JT107MG18 Datasheet
144Kb / 6P
Ceramics discriminator for FM receiver
JTCV107MG82 LUGUANG-JTCV107MG82 Datasheet
207Kb / 8P
CERAMIC DISCRIMINATOR
455C54 LUGUANG-455C54 Datasheet
422Kb / 3P
Ceramic Discriminator
CDBC450C54 LUGUANG-CDBC450C54 Datasheet
212Kb / 3P
Ceramic Discriminator
JTCV10.7MG48 LUGUANG-JTCV10.7MG48 Datasheet
260Kb / 7P
Ceramic Discriminator
JT10.7MG33 LUGUANG-JT10.7MG33 Datasheet
251Kb / 5P
Ceramic Discriminator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com