Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM2 Datasheet(PDF) 1 Page - TOKO, Inc

Part # CFM2
Description  AM CERAMIC FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

CFM2 Datasheet(HTML) 1 Page - TOKO, Inc

  CFM2 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFM2/CFM3
AM CERAMIC FILTERS
August 2005
1
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-313-CFM2/3
R-LOG0805A
Dimensions
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Test Circuit
Test Conditions
Description
• Compact 2/3 element AM IF filter with
unique structure for high reliability.
• Center frequency range: 450 to 470kHz
• Bandwidth at 6dB: 4 to 12kHz. (4~8kHz: CFM3)
Features
• Compact, low profile
• High selectivity, suited to a wide range of applications
• Low temperature coefficient
• Low spurious response
• Lead-free terminations
Applications
• AM radio cassettes, stereo sets, telecommunications
• Wireless data communication equipment
STANDARD FILTERS SELECTION GUIDE
TYPE CFM2/CFM3 (CERASIZER®)
TOKO
Center
Bandwidth
Selectivity
Ripple
Insertion
Input/Output
Part
Frequency (Fo)*
at 6dB
at Fo±9kHz
in Pass Band
Loss
Impedance
Number
(kHz)
(kHz)
(dB)
(dB)
(dB)
(kΩ)
CFM2
##AHCFM2-450Z
450±1.0
4.0±1.0
24.0 min.
1.0 max.
7.0 max.
1.0/1.5
##AHCFM2-450AL
450±1.0
4.0 min.
18.0 min.
1.0 max.
6.0 max.
1.0/1.5
##AHCFM2-450BL
450±1.0
6.0 min.
16.0 min.
1.0 max.
6.0 max.
1.5/2.0
##AHCFM2-450CL
450±1.0
8.0 min.
12.0 min.
2.0 max.
6.0 max.
2.0/2.0
##AHCFM2-450DL
450±1.0
10.0 min.
9.0 min.
2.0 max.
6.0 max.
2.0/2.0
##AHCFM2-450EL
450±1.0
12.0 min.
6.0 min.
2.0 max.
6.0 max.
2.5/2.5
CFM3
##ACFM3-450AL
450±1.0
4.0 min.
28.0 min.
2.0 max.
6.0 max.
3.0/3.0
##ACFM2-450BL
450±1.0
5.5 min.
24.0 min.
2.0 max.
6.0 max.
3.0/3.0
##ACFM2-450CL
450±1.0
8.0 min.
20.0 min.
2.0 max.
6.0 max.
3.0/3.0
* Center frequencies 450kHz, 455kHz, 459kHz, 460kHz, 468kHz available. Center frequency tolerance available to ±0.5kHz.
1. C includes test circuit capacitance. (50pF without L
2, 62pF with L2)
2. • L
1 2.7mH (CFM2), 1.35mH (CHM3)
•
L
2 1.0mH
3. During testing, when matching coils are used at input/output sides,
connect L
1 and L2 (dummy)
4. R
1, R2: Input-output impedance
Cs: Stray capacitance
(less than 50pF, including EV)
Unit: mm


Similar Part No. - CFM2

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM20 CINCON-CFM20 Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
CFM2001S CINCON-CFM2001S Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
CFM2002S CINCON-CFM2002S Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
CFM2003S CINCON-CFM2003S Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
CFM2005S CINCON-CFM2005S Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
More results

Similar Description - CFM2

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
ALFY455H TOKO-ALFY455H Datasheet
117Kb / 1P
AM CERAMIC FILTERS
CFA TOKO-CFA Datasheet
95Kb / 1P
AM CERAMIC FILTERS
CFJW TOKO-CFJW Datasheet
90Kb / 1P
AM CERAMIC FILTERS
CFMA TOKO-CFMA Datasheet
114Kb / 1P
AM CERAMIC FILTERS WITH MATCHING COIL
CFMM2 TOKO-CFMM2 Datasheet
118Kb / 1P
AM CERAMIC FILTERS
CFMR TOKO-CFMR Datasheet
95Kb / 1P
AM CERAMIC FILTERS
LFC TOKO-LFC Datasheet
173Kb / 2P
AM CERAMIC FILTERS
LFY TOKO-LFY Datasheet
194Kb / 2P
AM CERAMIC FILTERS
logo
Token Electronics Indus...
LTP455A TOKEN-LTP455A Datasheet
322Kb / 3P
LTP Ceramic Filters for AM
LTZ455HL TOKEN-LTZ455HL Datasheet
300Kb / 3P
LTZ Ceramic Filters for AM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com