Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFML Datasheet(PDF) 1 Page - TOKO, Inc

Part # CFML
Description  AM CERAMIC FILTERS WITH MATCHING COIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

CFML Datasheet(HTML) 1 Page - TOKO, Inc

  CFML Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFML/CFMJ
AM CERAMIC FILTERS WITH MATCHING COIL
August 2005
1
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-320-CFML/J
R-LOG0805A
Dimensions
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Description
• AM filters combining low profile matching coil with
CFMR, CFMD types.
• Center frequency range: 450 — 470kHz
Features
• Can be preset if required
• High selectivity, suited to a wide range of applications
• Low temperature coefficient
• Low spurious response
• Lead-free terminations
Applications
• AM radio-cassettes, high selectivity radio cassettes
• Wireless data communication equipment
STANDARD FILTERS SELECTION GUIDE
CFMJ (7PSG+CFMD)
(CERASIZER ®/Quintuple-tuned)
TYPE CFML/CFMJ (CERASIZER®)
TOKO
Center
Bandwidth
Selectivity
Ripple
Input Level
Part
Frequency
at 6dB
at Fo±9kHz
in Pass Band
for 0.6mV
Note
Number
(kHz)
(kHz)
(dB)
(dB)
Output (dB)
##PCFML-023
450±1.0
6.0 min.
23.0 min.
1.0 max.
77.0±3.0
Triple-tuned
##PCFMJ-001
450±1.0
6.0 min.
35.0 min.
2.0 max.
75.5±3.0
Quintuple-tuned
CFML (7PSG+CFMR)
(CERASIZER ®/Triple-tuned)
Unit: mm
Cc: 180 pF with CFMJ-001
Unit: mm
Test Circuits
CFMJ
CFML


Similar Part No. - CFML

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
Carbon Film Resistor
3/3/2022
logo
Bertech.
CFM BERTECH-CFM Datasheet
169Kb / 1P
Conductive Floor Mats and Kits
logo
CUI INC
CFM-120 CUI-CFM-120 Datasheet
799Kb / 6P
DC AXIAL FAN
CFM-120B CUI-CFM-120B Datasheet
1Mb / 9P
DC AXIAL FAN
05/12/2021
More results

Similar Description - CFML

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
ALFY455H TOKO-ALFY455H Datasheet
117Kb / 1P
AM CERAMIC FILTERS
CFA TOKO-CFA Datasheet
95Kb / 1P
AM CERAMIC FILTERS
CFJW TOKO-CFJW Datasheet
90Kb / 1P
AM CERAMIC FILTERS
CFM2 TOKO-CFM2 Datasheet
96Kb / 1P
AM CERAMIC FILTERS
CFMA TOKO-CFMA Datasheet
114Kb / 1P
AM CERAMIC FILTERS WITH MATCHING COIL
CFMM2 TOKO-CFMM2 Datasheet
118Kb / 1P
AM CERAMIC FILTERS
CFMQ TOKO-CFMQ Datasheet
97Kb / 1P
AM CERAMIC FILTERS WITH MATCHING COIL
CFMR TOKO-CFMR Datasheet
95Kb / 1P
AM CERAMIC FILTERS
LFC TOKO-LFC Datasheet
173Kb / 2P
AM CERAMIC FILTERS
LFY TOKO-LFY Datasheet
194Kb / 2P
AM CERAMIC FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com