Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFMM2 Datasheet(PDF) 1 Page - TOKO, Inc

Part # CFMM2
Description  AM CERAMIC FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

CFMM2 Datasheet(HTML) 1 Page - TOKO, Inc

  CFMM2 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFMM2/CFMM3
AM CERAMIC FILTERS
August 2005
1
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-315-CFMM2/3
R-LOG0805A
Dimensions
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Typical Characteristics
Frequency Response
Description
• Small type CERASIZER® of unique structure for
2/3-element AM IF filters.
• Center frequency range: 450 to 470kHz
• Bandwidth at 6dB: 4 to 8kHz.
Features
• Compact, low profile
• High selectivity characteristic
• Low temperature coefficient
• Lead-free terminations
Applications
• AM radio cassettes, stereo sets
• Tuner packs, communications equipment.
• Wireless data communication equipment
STANDARD FILTERS SELECTION GUIDE
TYPE CFMM2/CFMM3 (CERASIZER®)
TOKO
Center
Bandwidth
Selectivity
Ripple
Insertion
Input/Output
Part
Frequency (Fo)*
at 6dB
at Fo±9kHz
in Pass Band
Loss
Impedance
Number
(kHz)
(kHz)
(dB)
(dB)
(dB)
(kΩ)
CFMM2
##ACFMM2-450AL
450±1.0
4.0 min.
18.0 min.
1.0 max.
6.0 max.
3.0/3.0
##ACFMM2-450BL
450±1.0
5.5 min.
16.0 min.
1.0 max.
6.0 max.
3.0/3.0
##ACFMM2-450CL
450±1.0
8.0 min.
12.0 min.
2.0 max.
6.0 max.
3.0/3.0
CFMM3
##ACFMM3-450AL
450±1.0
4.0 min.
28.0 min.
2.0 max.
6.0 max.
3.0/3.0
##ACFMM3-450BL
450±1.0
5.5 min.
24.0 min.
2.0 max.
6.0 max.
3.0/3.0
##ACFMM3-450CL
450±1.0
8.0 min.
19.0 min.
2.0 max.
6.0 max.
3.0/3.0
Unit: mm


Similar Part No. - CFMM2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
Carbon Film Resistor
3/3/2022
logo
Bertech.
CFM BERTECH-CFM Datasheet
169Kb / 1P
Conductive Floor Mats and Kits
logo
CUI INC
CFM-120 CUI-CFM-120 Datasheet
799Kb / 6P
DC AXIAL FAN
CFM-120B CUI-CFM-120B Datasheet
1Mb / 9P
DC AXIAL FAN
05/12/2021
More results

Similar Description - CFMM2

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
ALFY455H TOKO-ALFY455H Datasheet
117Kb / 1P
AM CERAMIC FILTERS
CFA TOKO-CFA Datasheet
95Kb / 1P
AM CERAMIC FILTERS
CFJW TOKO-CFJW Datasheet
90Kb / 1P
AM CERAMIC FILTERS
CFM2 TOKO-CFM2 Datasheet
96Kb / 1P
AM CERAMIC FILTERS
CFMA TOKO-CFMA Datasheet
114Kb / 1P
AM CERAMIC FILTERS WITH MATCHING COIL
CFMR TOKO-CFMR Datasheet
95Kb / 1P
AM CERAMIC FILTERS
LFC TOKO-LFC Datasheet
173Kb / 2P
AM CERAMIC FILTERS
LFY TOKO-LFY Datasheet
194Kb / 2P
AM CERAMIC FILTERS
logo
Token Electronics Indus...
LTP455A TOKEN-LTP455A Datasheet
322Kb / 3P
LTP Ceramic Filters for AM
LTZ455HL TOKEN-LTZ455HL Datasheet
300Kb / 3P
LTZ Ceramic Filters for AM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com