Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT373 Datasheet(PDF) 9 Page - ON Semiconductor

Part # 74ACT373
Description  Octal Transparent Latch with 3?뭆tate Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT373 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button 74ACT373 Datasheet HTML 4Page - ON Semiconductor 74ACT373 Datasheet HTML 5Page - ON Semiconductor 74ACT373 Datasheet HTML 6Page - ON Semiconductor 74ACT373 Datasheet HTML 7Page - ON Semiconductor 74ACT373 Datasheet HTML 8Page - ON Semiconductor 74ACT373 Datasheet HTML 9Page - ON Semiconductor 74ACT373 Datasheet HTML 10Page - ON Semiconductor 74ACT373 Datasheet HTML 11Page - ON Semiconductor 74ACT373 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC74AC373, MC74ACT373
http://onsemi.com
9
MARKING DIAGRAMS
PDIP−20
SOIC−20W
TSSOP−20
SOEIAJ−20
20
1
1
20
AC
373
ALYW
G
G
74ACT373
AWLYWWG
1
20
MC74AC373N
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
20
1
74AC373
AWLYWWG
1
20
ACT
373
ALYW
G
G
20
1
ACT373
AWLYYWWG
1
20
MC74ACT373N
AWLYYWWG
20
1
AC373
AWLYYWWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com