Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSKNG Datasheet(PDF) 1 Page - TOKO, Inc

Part # CFSKNG
Description  FM CERAMIC FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

CFSKNG Datasheet(HTML) 1 Page - TOKO, Inc

  CFSKNG Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFSKN G Series
FM CERAMIC FILTERS
August 2005
1
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-324-CFSKN/G
R-LOG0805A
Dimensions
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Test Circuit
Description
• High grade filters controlling 0.5μS bandwidth.
Features
• Compact and low profile (ideal for slimline sets)
• Low temperature coefficient and dispersion for
reliable response
• High selectivity for excellent spurious response control
• Low spurious response
• Independent terminal structure
• Lead-free terminations
Applications
• Especially suited for digital cordless telephones
and high grade stereo sets.
• MIDI audio systems and car stereo
• Digital telecommunications equipment
TYPE CFSKN Flat Group Delay G Series
TOKO
Center
Bandwidth Bandwidth
Insertion
Spurious
G.T.D.
Impedance
Part
Frequency
at 3dB
at 20dB
Loss
Response
Bandwidth
(In/Out)
Number
(Fo)*
(kHz)
(kHz)
(dB)
(dB)
0.5μS (kHz)
(kΩ)
#SK107M1N-AE-10G See Color Code Table 280±50
650 max.
6.0 max
30 min.
Fo±80 min.
3.0/3.0
#SK107M2N-AE-20G See Color Code Table 230±50
600 max.
6.0 max
40 min.
Fo±60 min.
3.0/3.0
#SK107M3N-AE-20G See Color Code Table 180±40
520 max.
7.0 max
40 min.
Fo±45 min.
3.0/3.0
#SK107M4N-AE-20G See Color Code Table 150±40
400 max.
10.0 max
40 min.
Fo±35 min.
3.0/3.0
#SK107M5N-AE-10G See Color Code Table 110±40
350 max.
10.0 max
30 min.
Fo±25 min.
3.0/3.0
STANDARD FILTERS SELECTION GUIDE
Center
Color
Rank
Frequency*
Code
A
10.70±0.03MHZ
None
B
10.67±0.03MHZ
Blue
C
10.73±0.03MHZ
Orange
D
10.64±0.03MHZ
Black
E
10.76±0.03MHZ
White
Test Conditions
R
1:
280Ω
R
2:
280Ω
N.A.: HP4194A or equivalent
(Input impedance less than 15pF)
Unit: mm
* Standard center frequency: 10.7MHz
* Applicable center frequencies: 10.3MHz — 11.5MHz
* Center frequency tolerance: Standard ±30kHz; ±25kHz
and ±20kHz also available
SKM1N
SKM2N
SKM3N SKM4N
SKM5N
Color Code Table


Similar Part No. - CFSKNG

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
FM CERAMIC FILTERS
More results

Similar Description - CFSKNG

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
P61E7 MURATA-P61E7 Datasheet
992Kb / 57P
Ceramic Filters (CERAFIL) for FM Receivers
logo
TOKO, Inc
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
FM CERAMIC FILTERS
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
RADIAL TAPING FM CERAMIC FILTERS
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
CERAMIC FILTERS
logo
TOKO, Inc
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
FM Ceramic Filters
SK107MAN-AO-10 TOKO-SK107MAN-AO-10 Datasheet
239Kb / 2P
FM Ceramic Filters
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
Radial Taping / FM Ceramic Filters
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
FM Ceramic Filters
logo
Token Electronics Indus...
LT10.7MA5AP TOKEN-LT10.7MA5AP Datasheet
358Kb / 4P
LT10.7M Ceramic Filters for FM Receiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com