Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSKNX Datasheet(PDF) 1 Page - TOKO, Inc

Part # CFSKNX
Description  FM CERAMIC FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

CFSKNX Datasheet(HTML) 1 Page - TOKO, Inc

  CFSKNX Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFSKN X Series
FM CERAMIC FILTERS
August 2005
1
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-323-CFSKN/X
R-LOG0805A
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Dimensions
Test Circuit
TYPE CFSKN Low Loss X Series
TOKO
Center
Bandwidth
Bandwidth
Insertion
Spurious
Impedance
Part
Frequency
at 3dB
at 20dB
Loss
Response
(In/Out)
Number
(Fo)*
(kHz)
(kHz)
(dB)
(dB)
(Ω)
#SK107M0N-AE-10X
See Color Code Table
330±50
680 max.
2.5±2.0
30 min.
330/330
#SK107M1N-AE-10X
See Color Code Table
280±50
650 max.
2.5±2.0
30 min.
330/330
#SK107M2N-AE-20X
See Color Code Table
230±50
600 max.
3.0±2.0
40 min.
330/330
#SK107M3N-AE-20X
See Color Code Table
180±40
520 max.
3.5±1.5
40 min.
330/330
#SK107M4N-AE-20X
See Color Code Table
150±40
400 max.
5.5±2.0
40 min.
330/330
#SK107M5N-AE-10X
See Color Code Table
110±30
350 max.
6.0±2.0
30 min.
330/330
STANDARD FILTERS SELECTION GUIDE
Center
Color
Rank
Frequency*
Code
A
10.70±0.03MHZ
None
B
10.67±0.03MHZ
Blue
C
10.73±0.03MHZ
Orange
D
10.64±0.03MHZ
Black
E
10.76±0.03MHZ
White
Test Conditions
R
1:
280Ω
R
2:
280Ω
N.A.: HP4194A or equivalent
(Input impedance less than 15pF)
Description
• Low insertion loss design for lower gain
dispersion in transceiver applications.
Features
• Compact and low profile (ideal for slimline sets)
• Low temperature coefficient and dispersion for
reliable response
• High selectivity
• Low spurious response
• Independent terminal structure
• Lead-free terminations
Applications
• Cordless telephones, tuner packs, radio cassettes,
car radios, compact portable radios
• Wireless data communication equipment
Unit: mm
SKM0N SKM1N
SKM2N SKM3N
SKM4N SKM5N
* Standard center frequency: 10.7MHz
* Applicable center frequencies: 10.3MHz — 11.5MHz
* Center frequency tolerance: Standard ±30kHz; ±25kHz
and ±20kHz also available
Color Code Table


Similar Part No. - CFSKNX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
FM CERAMIC FILTERS
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
FM CERAMIC FILTERS
More results

Similar Description - CFSKNX

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
P61E7 MURATA-P61E7 Datasheet
992Kb / 57P
Ceramic Filters (CERAFIL) for FM Receivers
logo
TOKO, Inc
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
FM CERAMIC FILTERS
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
FM CERAMIC FILTERS
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
RADIAL TAPING FM CERAMIC FILTERS
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
CERAMIC FILTERS
logo
TOKO, Inc
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
FM Ceramic Filters
SK107MAN-AO-10 TOKO-SK107MAN-AO-10 Datasheet
239Kb / 2P
FM Ceramic Filters
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
Radial Taping / FM Ceramic Filters
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
FM Ceramic Filters
logo
Token Electronics Indus...
LT10.7MA5AP TOKEN-LT10.7MA5AP Datasheet
358Kb / 4P
LT10.7M Ceramic Filters for FM Receiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com