Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFSKP Datasheet(PDF) 1 Page - TOKO, Inc

Part # CFSKP
Description  RADIAL TAPING FM CERAMIC FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

CFSKP Datasheet(HTML) 1 Page - TOKO, Inc

  CFSKP Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFSKP
RADIAL TAPING FM CERAMIC FILTERS
August 2005
1
© 2005 TOKO America, Inc.
All Rights Reserved
Printed in USA
CF-325-CFSKP
R-LOG0805A
Dimensions
TOKO America, Inc.
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070 Fax: (847) 699-7864 Web: http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture
of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or
other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
TYPE CFSKP 10.7 MHz
TOKO
Bandwidth
Bandwidth
Insertion
Spurious
Input/Output
Part
at 3dB
at 20dB
Loss
Response
Impedance
Number
(kHz)
(kHz)
(dB)
(dB)
(Ω)
#SKP107M1-AE-10
280±50
650 max.
6.0 max.
30 min.
330/330
#SKP107M2-AE-20
230±50
600 max.
6.0 max.
40 min.
330/330
#SKP107M3-AE-20
180±40
520 max.
7.0 max.
40 min.
330/330
#SKP107M4-AE-20
150±40
400 max.
10.0 max.
40 min.
330/330
STANDARD FILTERS SELECTION GUIDE
Unit: mm
Marks
Dimensions
A
1
9.0 max.
T
4.0 max.
d
1
0.5±0.05
d
2
0.5±0.05
t
0
0.3±0.05
P
12.7±1.0
P
0
12.7±0.3
P
1
3.85±0.5
Marks
Dimensions
P
2
6.35±1.3
F
1, F2
2.5+0.4
Δh
2.0 max.
W
18.0+1.0
W
0
13.0+1.0
W
1
9.0±0.5
W
2
1.0 max.
H
18.0+2
Marks
Dimensions
H
1
27.0 max.
I
3.0 min.
øD
0
4.0±0.2
t
2
1.5 min.
t
1
0.6±0.3
L
11.0 max.
-1.0
-0.5
-0.5
0


Similar Part No. - CFSKP

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
CFSKP TOKO-CFSKP Datasheet
168Kb / 1P
Radial Taping / FM Ceramic Filters
More results

Similar Description - CFSKP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
P61E7 MURATA-P61E7 Datasheet
992Kb / 57P
Ceramic Filters (CERAFIL) for FM Receivers
logo
TOKO, Inc
CFSKNG TOKO-CFSKNG Datasheet
123Kb / 1P
FM CERAMIC FILTERS
CFSKNS TOKO-CFSKNS Datasheet
205Kb / 2P
FM CERAMIC FILTERS
CFSKNX TOKO-CFSKNX Datasheet
125Kb / 1P
FM CERAMIC FILTERS
SC107M2-A0-20C TOKO-SC107M2-A0-20C Datasheet
139Kb / 1P
FM Ceramic Filters
SK107MAN-AO-10 TOKO-SK107MAN-AO-10 Datasheet
239Kb / 2P
FM Ceramic Filters
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
Radial Taping / FM Ceramic Filters
SL107M1-AO-10 TOKO-SL107M1-AO-10 Datasheet
134Kb / 1P
FM Ceramic Filters
logo
Token Electronics Indus...
LT10.7MA5AP TOKEN-LT10.7MA5AP Datasheet
358Kb / 4P
LT10.7M Ceramic Filters for FM Receiver
logo
HOKURIKU ELECTRIC INDUS...
KSM8WBTS HOKURIKU-KSM8WBTS Datasheet
73Kb / 1P
Tactile Switches 8mm WaterProof Radial Taping Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com