Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1119L-33-AB3-I-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1119L-33-AB3-I-R
Description  1.5A LOW DROPOUT REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1119L-33-AB3-I-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L1119L-33-AB3-I-R Datasheet HTML 1Page - Unisonic Technologies L1119L-33-AB3-I-R Datasheet HTML 2Page - Unisonic Technologies L1119L-33-AB3-I-R Datasheet HTML 3Page - Unisonic Technologies L1119L-33-AB3-I-R Datasheet HTML 4Page - Unisonic Technologies L1119L-33-AB3-I-R Datasheet HTML 5Page - Unisonic Technologies L1119L-33-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies L1119L-33-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1119
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-051,B
1.5A LOW DROPOUT
REGULATORS
DESCRIPTION
The UTC L1119 is a fast ultra low-dropout linear regulator that
developed in CMOS process which allows low quiescent current
operation independent of output load current. This CMOS process
also allows the device to operate under extremely low dropout
conditions.
The UTC L1119 allows to operate from a 2.5V~7.0V input supply.
Wide range of preset output voltage options are available and
respond very fast to step changes in load which makes them
suitable for low voltage microprocessor applications.
FEATURES
* Low ground current
* Load regulation of 0.04%
* Output current of 1.5A DC is guaranteed
* Accurate output voltage.(± 1.5%)
* Extremely low output capacitor requirements
* Over temperature/ Over current protection
SOT-89
1
SOT-223
1
1
TO-252
*Pb-free plating product number: L1119L-xx
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
L1119-xx-AA3-A-R
L1119L-xx-AA3-A-R
SOT-223
G
O
I
Tape Reel
L1119-xx-AA3-C-R
L1119L-xx-AA3-C-R
SOT-223
G
I
O
Tape Reel
L1119-xx-AB3-A-R
L1119L-xx-AB3-A-R
SOT-89
G
O
I
Tape Reel
L1119-xx-AB3-B-R
L1119L-xx-AB3-B-R
SOT-89
O
G
I
Tape Reel
L1119-xx-AB3-C-R
L1119L-xx-AB3-C-R
SOT-89
G
I
O
Tape Reel
L1119-xx-AB3-D-R
L1119L-xx-AB3-D-R
SOT-89
I
G
O
Tape Reel
L1119-xx-TN3-D-R
L1119L-xx-TN3-D-R
TO-252
I
G
O
Tape Reel
L1119-xx-TN3-D-T
L1119L-xx-TN3-D-T
TO-252
I
G
O
Tube
Note: Pin assignment: I: VIN O: VOUT G:GND
L1119L-xx-AA3-A-R
(1)Packing Type
(3)Package Type
(4)Output Voltage Code
(5)Lead Plating
(2)Pin Assignment
(1) R: Tape Reel, T: Tube
(2) refer to Pin Assignment
(3) AA3: SOT-223, AB3: SOT-89, TN3: TO-252
(4) xx: refer to Marking Information
(5) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - L1119L-33-AB3-I-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119L-XX-AA3-A-R UTC-L1119L-XX-AA3-A-R Datasheet
170Kb / 5P
1.5A LOW DROPOUT REGULATORS
L1119L-XX-AA3-A-R UTC-L1119L-XX-AA3-A-R Datasheet
168Kb / 4P
1.5A LOW DROPOUT REGULATORS
L1119L-XX-AA3-C-R UTC-L1119L-XX-AA3-C-R Datasheet
170Kb / 5P
1.5A LOW DROPOUT REGULATORS
L1119L-XX-AA3-C-R UTC-L1119L-XX-AA3-C-R Datasheet
168Kb / 4P
1.5A LOW DROPOUT REGULATORS
L1119L-XX-AB3-A-R UTC-L1119L-XX-AB3-A-R Datasheet
170Kb / 5P
1.5A LOW DROPOUT REGULATORS
More results

Similar Description - L1119L-33-AB3-I-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501 ADMOS-AMS1501_05 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
L1119 UTC-L1119_10 Datasheet
170Kb / 5P
1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
1.5A LOW DROPOUT REGULATORS
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com