Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1119L-50-AB3-I-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1119L-50-AB3-I-R
Description  1.5A LOW DROPOUT REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1119L-50-AB3-I-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L1119L-50-AB3-I-R Datasheet HTML 1Page - Unisonic Technologies L1119L-50-AB3-I-R Datasheet HTML 2Page - Unisonic Technologies L1119L-50-AB3-I-R Datasheet HTML 3Page - Unisonic Technologies L1119L-50-AB3-I-R Datasheet HTML 4Page - Unisonic Technologies L1119L-50-AB3-I-R Datasheet HTML 5Page - Unisonic Technologies L1119L-50-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies L1119L-50-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L1119
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-051,B
TYPICAL CHARACTERISTICS
(VIN=VOUT+1V, VOUT=2.5V, COUT=33µF, IOUT =10mA, CIN=68µF, Ta=25°C.)
-40 -20
0
20
40 60
80 100 120 140
0
0.05
0.1
0.15
0.2
0.25
Temperature (℃)
IL=100mA
IL=800mA
Drop-Out Voltage vs Temperature (IL)
-40 -20
0
20
40
60 80 100 120 140
0.15
0.175
0.2
0.225
Temperature (℃)
VOUT=3.3V
Drop-Out Voltage vs Temperature (VOUT)
0.125
VOUT=2.5V
VOUT=5V
IOUT=800mA
△
VOUT vs Temperature
0.00
-0.10
-0.20
-0.30
-0.40
-0.50
-0.60
-0.70
-0.80
-0.90
-75
-50 -25
0
25
50
75 100 125
Temperature(℃)
10
0.010
10
Frequency(Hz)
Noise Density
1.000
0.100
100
1000
100000
10000
VIN=3.5V, VOUT=2.5V, IL=10mA
0
0
3
VIN (V)
Input Voltage vs Output Voltage
2.5
0.5
1.5
2
1
1
234
IL=100mA
IL=800mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com