Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT2222A-AA3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PZT2222A-AA3-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZT2222A-AA3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  PZT2222A-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZT2222A-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZT2222A-AA3-R Datasheet HTML 3Page - Unisonic Technologies PZT2222A-AA3-R Datasheet HTML 4Page - Unisonic Technologies PZT2222A-AA3-R Datasheet HTML 5Page - Unisonic Technologies PZT2222A-AA3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PZT2222A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R207-001,B
TYPICAL CHARACTERISTICS(Cont.)
10
100
1000
160
0
Collector Current, IC (mA)
Turn On and Turn Off Times
vs. Collector Current
80
240
320
400
VCC =25V
tOFF
tON
IB1=IB2=
IC
10
10
100
1000
160
0
Collector Current, IC (mA)
Switching Times
vs. Collector Current
80
240
320
400
VCC =25V
tS
tF
IB1=IB2=
IC
10
tR
tD
0.25
0.75
50
025
75
Power Dissipation vs.
Ambient Temperature
0.5
1
Temperature (℃)
150
125
100
0
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com