Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD882L-D-TA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD882L-D-TA3-R
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD882L-D-TA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD882L-D-TA3-R Datasheet HTML 1Page - Unisonic Technologies 2SD882L-D-TA3-R Datasheet HTML 2Page - Unisonic Technologies 2SD882L-D-TA3-R Datasheet HTML 3Page - Unisonic Technologies 2SD882L-D-TA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD882
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R209-003,C
TYPICAL CHARACTERISTICS
Static Characteristics
Collector-Emitter voltage (V)
04
8
12
16
20
0
0.4
0.8
1.2
1.6
Case Temperature, TC (℃)
Derating Curve of Safe Operating
Areas
200
150
100
50
0
-50
0
50
100
150
S/b
lim
ite
d
IB=9mA
IB=8mA
IB=7mA
IB=6mA
IB=5mA
IB=4mA
IB=3mA
IB=2mA
IB=1mA
Current Gain-Bandwidth Product
Collector-Emitter Voltage
Safe Operating Area
IC(max), Pulse
10m
S
1m
S
Collector Current, Ic (A)
10
3
10
2
10
1
10
0
10
-2
10
-1
10
0
10
1
10
1
10
0
10
-1
10
-2
10
0
10
1
10
2
IC(max), DC
VCE=5V
IB=8mA
DC Current Gain
Collector Current, IC (mA)
Collector Current, IC (mA)
Saturation Voltage
10
3
10
2
10
1
10
0
10
0
10
1
10
3
10
4
VCE=2V
10
4
10
3
10
2
10
0
10
1
10
2
10
4
10
1
10
0
10
3
VBE(SAT)
VCE(SAT)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com