Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB521S30-CC2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RB521S30-CC2-R
Description  SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RB521S30-CC2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  RB521S30-CC2-R Datasheet HTML 1Page - Unisonic Technologies RB521S30-CC2-R Datasheet HTML 2Page - Unisonic Technologies RB521S30-CC2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RB521S30
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R601-012,A
SCHOTTKY BARRIER
DIODES
FEATURES
* Miniature surface mounting type
* Low forward voltage drop (VF=0.40V Typ. at 200mA)
* Low reverse leakage current
* Fast switching speed
SOD-523
+
-
*Pb-free plating product number: RB521S30L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
RB521S30-CC2-R
RB521S30L-CC2-R
SOD-523
Tape Reel
RB521S30L-CC2-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) CC2: SOD-523
(3) L: Lead Free Plating, Blank: Pb/Sn
MARKING
5 M
Lead Plating


Similar Part No. - RB521S30-CC2-R

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
RB521S30-2/TR WILLSEMI-RB521S30-2/TR Datasheet
83Kb / 2P
Schottky Barrier Diodes
logo
Pan Jit International I...
RB521S30-AU PANJIT-RB521S30-AU Datasheet
247Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30-AU PANJIT-RB521S30-AU Datasheet
142Kb / 5P
SCHOTTKY BARRIER RECTIFIER
RB521S30-AU PANJIT-RB521S30-AU_16 Datasheet
286Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30-AU PANJIT-RB521S30-AU_18 Datasheet
142Kb / 5P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - RB521S30-CC2-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com