Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR2C Datasheet(PDF) 3 Page - Unisonic Technologies

Part # RCR2C
Description  DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2C Datasheet(HTML) 3 Page - Unisonic Technologies

  RCR2C Datasheet HTML 1Page - Unisonic Technologies RCR2C Datasheet HTML 2Page - Unisonic Technologies RCR2C Datasheet HTML 3Page - Unisonic Technologies RCR2C Datasheet HTML 4Page - Unisonic Technologies RCR2C Datasheet HTML 5Page - Unisonic Technologies RCR2C Datasheet HTML 6Page - Unisonic Technologies RCR2C Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTC RCR2C
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R502-026,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.3 ~ 6.0
V
Input/Output Voltage
GND -0.2 ~ VDD+0.2
V
Operating temperature
Topr
-10 ~ 60
℃
Storage Temperature
Tstg
-25 ~ 125
℃
ELECTRICAL CHARACTERISTICS
(VDD = 4.5V, FOSC = 116 ~ 140KHz, Ta=25℃, NO DC-DC converter, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VDD
1.8
4.5
5.0
V
Operating Current
IDD
Unload
1.0
mA
Output Driving Current
IDriving
Load=0.7V
4.5
mA
Oscillator Frequency Tolerance
Ftolerance
UTC RCT2E FOSC=128KHz
-20
20
%
OUTPUT TABLES
FUNCTION KEY(UTC RCT2E)
DECODE RESULT (MOD = 1) DECODE RESULT (MOD = 0)
END CODE
END CODE
FORWARDB (L)
FORWARD (H)
FORWARD (Z)
FORWARDB (L) & TURBOB (L)
FORWARD (H)
FORWARD (H) & TURBO (H)
TURBOB (L)
TURBO (H)
FORWARD (H) & TURBO (H)
TURBOB (L)& FORWARDB (L) & LEFTB (L)
FORWARD (H) & LEFT (H)
FORWARD (Z) & LEFT (H)
TURBOB (L) & FORWARDB (L) & RIGHTB (L) FORWARD (H) & RIGHT (H)
FORWARD (Z) & RIGHT (H)
BACKWARDB (L)
BACKWARD (H)
BACKWARD (Z)
BACKWARDB (L) & RIGHTB (L)
BACKWARD (H) & RIGHT (H)
BACKWARD (Z) & RIGHT (H)
BACKWARDB (L) & LEFTB (L)
BACKWARD (H) & LEFT (H)
BACKWARD (Z) & LEFT (H)
LEFTB (L)
LEFT (H)
LEFT (H)
RIGHTB (L)
RIGHT (H)
RIGHT (H)
NOTE: L=LOW, H=HIGH, Z= 60Hz 50% DUTY Pulse.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com