Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK1812-AE3-4-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK1812-AE3-4-R
Description  BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1812-AE3-4-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK1812-AE3-4-R Datasheet HTML 1Page - Unisonic Technologies SK1812-AE3-4-R Datasheet HTML 2Page - Unisonic Technologies SK1812-AE3-4-R Datasheet HTML 3Page - Unisonic Technologies SK1812-AE3-4-R Datasheet HTML 4Page - Unisonic Technologies SK1812-AE3-4-R Datasheet HTML 5Page - Unisonic Technologies SK1812-AE3-4-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK1812
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R118-008,A
BIPOLAR LATCH TYPE
HALL - EFFECT FOR
HIGH-TEMPERATURE
OPERATION
DESCRIPTION
SK1812 is a semiconductor integrated circuit utilizing the Hall
effect. It has been so designed as to operate in the alternating
magnetic field especially at low supply voltage and operation over
extended temperature ranges to +125 .This Hall IC is suitable for
℃
application to various kinds of sensors, contactless switches, and the
like.
FEATURES
* Wide supply voltage range of 2.5V to 20V
* Wide temperature operation range of -20 ~+125
℃℃
* Alternating magnetic field operation
* TTL and MOS IC are directly drivable by the output
* The life is semipermanent because it employs contactless parts
* SIP-3 and SOT-23 package
APPLICATIONS
* Speed sensor
* Position sensor
* Rotation sensor
* Contact-less sensor
* Motor control
*Pb-free plating product number: SK1812L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
SK1812-AE3-4-R
SK1812L-AE3-4-R
SOT-23
O
I
G
Tape Reel
SK1812-G03-D-K
SK1812L-G03-D-K
SIP-3
I
G
O
Bulk
Note: Pin Assignment: I:VCC O:VOUT G:GND


Similar Part No. - SK1812-AE3-4-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1812-AE3-R UTC-SK1812-AE3-R Datasheet
58Kb / 6P
BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1812-AE3-R UTC-SK1812-AE3-R Datasheet
58Kb / 6P
BIPOLAR LATCH TYPE
More results

Similar Description - SK1812-AE3-4-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1816 UTC-SK1816 Datasheet
262Kb / 7P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
U18 UTC-U18 Datasheet
240Kb / 6P
BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816 UTC-SK1816_12 Datasheet
289Kb / 8P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
U18 UTC-U18_07 Datasheet
62Kb / 6P
BIPOLAR LATCH TYPE HALL-EFFECT FOR HIGH-TEMPERARURE OPERATION
SK1816 UTC-SK1816_18 Datasheet
239Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1826 UTC-SK1826 Datasheet
193Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1816M UTC-SK1816M_18 Datasheet
217Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com