Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK6406-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # SK6406-S08-R
Description  2-PHASE DC-FAN MOTOR PRE-DRIVER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK6406-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  SK6406-S08-R Datasheet HTML 1Page - Unisonic Technologies SK6406-S08-R Datasheet HTML 2Page - Unisonic Technologies SK6406-S08-R Datasheet HTML 3Page - Unisonic Technologies SK6406-S08-R Datasheet HTML 4Page - Unisonic Technologies SK6406-S08-R Datasheet HTML 5Page - Unisonic Technologies SK6406-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SK6406/G
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R109-026,A
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2.5V ~ 30V
V
Hall Input Common Mode Voltage Range
VHIC
1.0 ~ Vcc-0.5
V
Circuit Current
IOUT
80
mA
Power Dissipation
PD
700
mW
Operating Ambient Temperature
TOPR
-20 ~ +85
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, V
CC=12V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
CT=L
3.2
8.7
mA
Current Drain
ICC
In drive mode
CT=H
3.2
5
mA
Lockup Detection Capacitor Charge Current
ICT1
VCT= 1.1V
2
3.45
5.25
uA
Capacitor Discharge Current
ICT2
VCT= 1.1V
0.35
0.8
1.45
uA
Charge/Discharge Ratio
RCT
RCD=ICT1/ICT2
3
4.5
8
CT Charge Voltage
VCT1
2.2
2.6
3
V
CT Discharge Voltage
VCT2
0.4
0.6
0.8
V
Output High Level Voltage
VOL
IOUT= 10 mA
10
10.5
V
Hall Input Sensitivity
VHin
Zero peak value
(including offset and hysteresis)
3
15
mV
RD Output Pin Low Voltage
(SK6406)
VRDL
IRD=5mA
0.1
0.3
V
RD Current Capacity
(SK6406)
IRD
VRDL=2V
20
mA
FG Low Voltage
(SK6406G)
VFGL
IFG=5mA
0.1
0.3
V
FG Driver Capacity (SK6406G)
IFG
VFGL=2V
20
mA
FG Leakage Current (SK6406G)
IFGL
VFGL=15V
50
uA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com