Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK6406GL-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK6406GL-S08-R
Description  2-PHASE DC-FAN MOTOR PRE-DRIVER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK6406GL-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK6406GL-S08-R Datasheet HTML 1Page - Unisonic Technologies SK6406GL-S08-R Datasheet HTML 2Page - Unisonic Technologies SK6406GL-S08-R Datasheet HTML 3Page - Unisonic Technologies SK6406GL-S08-R Datasheet HTML 4Page - Unisonic Technologies SK6406GL-S08-R Datasheet HTML 5Page - Unisonic Technologies SK6406GL-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK6406/G
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R109-026,A
2-PHASE DC-FAN MOTOR
PRE-DRIVER IC
DESCRIPTION
SK6406 is a 2-phase pre-driver IC for dc-fan motors, providing
the functions of motor lock protection, auto-restart, and rotation
detection signal output. SK6406 is with RD option and SK6406G
with FG.
FEATURES
* Wide supply voltage range of 2.5V to 30V
* Lock protection
* Auto-restart when the motor lock is undone
* RD(latch-type lockup detection) output (SK6406)
* FG(frequency generator) output (SK6406G)
APPLICATION
* Dual Coil DC FAN Motor
SOP-8
*Pb-free plating product number:
SK6406L/SK6406GL
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
SK6406-S08-R
SK6406L-S08-R
SOP-8
Tape Reel
SK6406-S08-T
SK6406L-S08-T
SOP-8
Tube
SK6406G-S08-R
SK6406GL-S08-R
SOP-8
Tape Reel
SK6406G-S08-T
SK6406GL-S08-T
SOP-8
Tube


Similar Part No. - SK6406GL-S08-R

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SK6400 NJSEMI-SK6400 Datasheet
28Kb / 1P
Unijunction Transistors
SK6401 NJSEMI-SK6401 Datasheet
28Kb / 1P
Unijunction Transistors
SK6402 NJSEMI-SK6402 Datasheet
28Kb / 1P
Unijunction Transistors
SK6409 NJSEMI-SK6409 Datasheet
28Kb / 1P
Unijunction Transistors
More results

Similar Description - SK6406GL-S08-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
2-Phase half-wave motor pre driver for fan motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
logo
Unisonic Technologies
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
logo
Rohm
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
2-Phase Half-Wave Pre Driver for Fan Motor
logo
Unisonic Technologies
F6406 UTC-F6406 Datasheet
167Kb / 6P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
2-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_17 Datasheet
143Kb / 5P
2-PHASE DC-FAN MOTOR PRE-DRIVER IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com