Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2025D-S20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TEA2025D-S20-R
Description  STEREO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025D-S20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TEA2025D-S20-R Datasheet HTML 1Page - Unisonic Technologies TEA2025D-S20-R Datasheet HTML 2Page - Unisonic Technologies TEA2025D-S20-R Datasheet HTML 3Page - Unisonic Technologies TEA2025D-S20-R Datasheet HTML 4Page - Unisonic Technologies TEA2025D-S20-R Datasheet HTML 5Page - Unisonic Technologies TEA2025D-S20-R Datasheet HTML 6Page - Unisonic Technologies TEA2025D-S20-R Datasheet HTML 7Page - Unisonic Technologies TEA2025D-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TEA2025D
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R107-017,B
■
APPLICATION INFORMATION
Input Capacitor
Input capacitor is PNP type allowing source to be referenced to ground.
In this way no input coupling capacitor is required. However, a series capacitor(0.22µF) to the input side can be
useful in case of noise due to variable resistor contact.
Bootstrap
The bootstrap connection allows to increase the output swing.
The suggested value for the bootstrap capacitors (100µF) avoids a reduction of the output signal also at low
frequencies and low supply voltage.
Voltage Gain Adjust
STEREO MODE
The voltage gain is determined by on-chip resistors R1 and R2 together with the external RfC1 series connected
between pin 8(13) and ground. The frequency response is given approximated by:
VOUT
VIN
=
R1
Rf +R2+
1
JWC1
With Rf=0,C1=100µF, the gain results 46dB with pole at f=32Hz
The purpose of RfI is to reduce the gain. It is recommended to not reduce it under 36dB.
BRIDGE MODE
Rf
C1
R2
50
R1
10K
8(13)
2(19)
Figure 7
The bridge configuration is realized very easily thanks to an internal voltage divider which provides (at pin 1)the CH1
output signal after reduction. It is enough to connect pin8(inverting input of CH 2 )with a capacitor to pin 1 and to
connect to ground the pin 9.
The total gain of the bridge is given by:
VOUT
VIN
=
R1
Rf +R2+
1
JWC1
(1+
R3
R4
R1
R2+R4+
1
JWC1
)
and with the suggested values (C1=C2=100µF,Rf=0)means:
Gv=52dB
R1
10K
Figure 8
R1
10K
R3
5K
R4
50
R2
R2
OUT
OUT
IN
With first pole at f=32Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com