Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2025DL-S20-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TEA2025DL-S20-R
Description  STEREO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025DL-S20-R Datasheet(HTML) 7 Page - Unisonic Technologies

  TEA2025DL-S20-R Datasheet HTML 1Page - Unisonic Technologies TEA2025DL-S20-R Datasheet HTML 2Page - Unisonic Technologies TEA2025DL-S20-R Datasheet HTML 3Page - Unisonic Technologies TEA2025DL-S20-R Datasheet HTML 4Page - Unisonic Technologies TEA2025DL-S20-R Datasheet HTML 5Page - Unisonic Technologies TEA2025DL-S20-R Datasheet HTML 6Page - Unisonic Technologies TEA2025DL-S20-R Datasheet HTML 7Page - Unisonic Technologies TEA2025DL-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TEA2025D
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R107-017,B
■
TYPICAL APPLICATION CIRCUIT
TEA
2025 D
Figure 1:Bridge Application(Powerdip)
100 µF
0.22 µF
100
µ F
100µF
100µF
100 µF
100µF
0.15µF
0.15µF
12
3
8
9
10
4,5 ,6,7,11,
14,15,16,17
12
13
18
19
IN
+V 8
RL
TEA
2025 D
Figure 2:Stereo Application(Powerdip)
100 µF
0.22µF
100µF
0.22µF
100µF
100 µF
100µF
0.15 µF
2
3
8
9
10
12
13
18
19
IN.1
+V8
RL
C1
C10
IN.2
C2
C11
100
µ F
C3
C4
C8
C5
C6
470µF
OUT.1
C9
RL
0.15 µF
C7
470 µF
OUT.2
20
4,5,6 ,7,11,
14,15 ,16 ,17
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com