Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072L-P08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # TL072L-P08-R
Description  LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL072L-P08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button TL072L-P08-R Datasheet HTML 3Page - Unisonic Technologies TL072L-P08-R Datasheet HTML 4Page - Unisonic Technologies TL072L-P08-R Datasheet HTML 5Page - Unisonic Technologies TL072L-P08-R Datasheet HTML 6Page - Unisonic Technologies TL072L-P08-R Datasheet HTML 7Page - Unisonic Technologies TL072L-P08-R Datasheet HTML 8Page - Unisonic Technologies TL072L-P08-R Datasheet HTML 9Page - Unisonic Technologies TL072L-P08-R Datasheet HTML 10Page - Unisonic Technologies TL072L-P08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TL072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R105-004,E
TYPICAL CHARACTERISTICS(Cont.)
Input Bias Current versus Free Air
Temperature
-50
100
0.1
125
75
0.01
Temperature (℃)
1
0
-25
10
Large Signal Differential Voltage
Amplification versus Free Air Temperature
-75
1000
2
125
75
10
400
1
0
Temperature (℃)
40
50
-50
100
100
25
-25
100
50
25
VCC = ±15V
VCC = ±15V
VOUT = ±10V
RL = 2kΩ
4
20
200
Large Signal Differential Voltage Amplification
and Phase Shift versus Frequency
100
100
0
10M
Frequency (Hz)
90
1k
Total Power Dissipation versus Free Air
Temperature
-75
250
25
125
75
75
225
0
0
Temperature (℃)
125
50
-50
175
1M
25
-25
100
100k
10k
VCC = ±15V
No signal
No load
50
100
200
RL = 2kΩ
CL = 100pF
VCC = ±15V
Ta = +125℃
100
1
10
Phase Shift
(right scale)
Differential Voltage
Amplification
(left scale)
150
Supply Current Per Amplifier versus Free Air
Temperature
-75
125
Temperature (℃)
-50
Total Power Dissipation versus Free Air
Temperature
-75
89
84
125
75
85
83
0
Temperature (℃)
86
50
-50
87
75
25
-25
100
50
0
88
1.6
1.0
100
25
-25
VCC = ±15V
No signal
No load
1.4
1.2
1.8
2.0
0.8
0.6
0.4
0.2
0
RL = 10kΩ
VCC = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com