Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TL431-S08-R
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TL431-S08-R Datasheet HTML 1Page - Unisonic Technologies TL431-S08-R Datasheet HTML 2Page - Unisonic Technologies TL431-S08-R Datasheet HTML 3Page - Unisonic Technologies TL431-S08-R Datasheet HTML 4Page - Unisonic Technologies TL431-S08-R Datasheet HTML 5Page - Unisonic Technologies TL431-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TL431
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 6
www.unisonic.com.tw
QW-R103-003,R
TYPICAL CHARACTERISTICS (Cont.)
Temperature
2.52
2.51
2.5
2.49
2.48
2.47
2.46
2.45
0
20
40
60
80
100
120
140
100p
1n
10n
100n
1μ
10μ
Load Capacitance, CL
A VKA=Vref
B VKA=5.0V@IK=10mA
C VKA=10V@IK=10mA
D VKA=15V@IK=10mA
Ta=25℃
A
B
C
D
unstable
stable
stable



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com