Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL594-P16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TL594-P16-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594-P16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  TL594-P16-R Datasheet HTML 1Page - Unisonic Technologies TL594-P16-R Datasheet HTML 2Page - Unisonic Technologies TL594-P16-R Datasheet HTML 3Page - Unisonic Technologies TL594-P16-R Datasheet HTML 4Page - Unisonic Technologies TL594-P16-R Datasheet HTML 5Page - Unisonic Technologies TL594-P16-R Datasheet HTML 6Page - Unisonic Technologies TL594-P16-R Datasheet HTML 7Page - Unisonic Technologies TL594-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TL594
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R103-031,A
ELECTRICAL CHARACTERISTICS(Cont.)
output section
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VC = 40V, VE = 0V, VCC = 40V
2
100
Collector off-state current
IC(OFF) DTC and Output CTRL = 0V,
VC = 15V, VE = 0V, VCC = 1 ~ 3V
4
200
µA
Emitter off-state current
IE(OFF) VCC = VC = 40V, VE = 0
-100
µA
Common emitter
VE = 0, IC = 200mA
1.1
1.3
Collector-emitter
saturation
voltage
Emitter follower
VCE
VC = 15V, IE = −200mA
1.5
2.5
V
Output control input current
VI = VREF
3.5
mA
pwm comparator section (see Figure 2)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input threshold voltage,
FEEDBACK
VI(THD) Zero duty cycle
4
4.5
V
Input sink current, FEEDBACK
II(SINK)
FEEDBACK = 0.5V
0.3
0.7
mA
undervoltage lockout section (see Figure 2)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
6
Threshold voltage
VTHD
∆TA = MIN ~ MAX
3.5
6.9
V
Hysteresis
VHYS
100
mV
VCC = 15V
9
15
Standby supply current
IST-BY
RT at VREF
All other inputs and
outputs open
VCC = 40V
11
18
mA
Average supply current
DTC = 2V, See Figure 2
12.4
mA
switching characteristics, TA = 25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output-voltage rise time
TR
100
200
ns
Output-voltage fall time
TF
Common-emitter configuration
(see Figure 3)
30
100
ns
Output-voltage rise time
TR
200
400
ns
Output-voltage fall time
TF
Emitter-follower configuration
(see Figure 4)
45
100
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com