Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL594-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL594-S16-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL594-S16-R Datasheet HTML 1Page - Unisonic Technologies TL594-S16-R Datasheet HTML 2Page - Unisonic Technologies TL594-S16-R Datasheet HTML 3Page - Unisonic Technologies TL594-S16-R Datasheet HTML 4Page - Unisonic Technologies TL594-S16-R Datasheet HTML 5Page - Unisonic Technologies TL594-S16-R Datasheet HTML 6Page - Unisonic Technologies TL594-S16-R Datasheet HTML 7Page - Unisonic Technologies TL594-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL594
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R103-031,A
PULSE-WIDTH-MODULATION
CONTROL CIRCUIT
DESCRIPTION
The UTC TL594 incorporates all the functions required for a
pulse-width-modulation (PWM) control circuit. It is pin compatible
with TL494 with upgrade performance.
DIP-16
SOP-16
TSSOP-16
*Pb-free plating product number: TL594L
FEATURES
* Outputs for 200-mA Sink or Source
Current
* Output is Single-Ended or Push-Pull
Operation Selectable suppression circuit
* Internal Circuitry Prohibits Double Pulse
at Either Output
* Variable Dead Time
* Internal Reference Supply Deliuer 5V
within 1% tolerance
* Undervoltage Lockout for Low-VCC
Conditions
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
TL594-D16-T
TL594L-D16-T
DIP-16
Tube
TL594-P16-R
TL594L-P16-R
TSSOP-16
Tape Reel
TL594-P16-T
TL594L-P16-T
TSSOP-16
Tube
TL594-S16-R
TL594L-S16-R
SOP-16
Tape Reel
TL594-S16-T
TL594L-S16-T
SOP-16
Tube
TL594L-D16-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D16: DIP-16, S16: SOP-16, P16: TSSOP-16
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - TL594-S16-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL594 TI-TL594 Datasheet
418Kb / 16P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
Texas Instruments
TL594 TI-TL594 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Similar Description - TL594-S16-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594 Datasheet
418Kb / 16P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526_06 Datasheet
267Kb / 9P
Pulse Width Modulation Control Circuit
July, 2006 ??Rev. 4
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
Pulse-Width-Modulation Control Circuit
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com