Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7SH02-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U7SH02-AL5-R
Description  2-INPUT NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SH02-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U7SH02-AL5-R Datasheet HTML 1Page - Unisonic Technologies U7SH02-AL5-R Datasheet HTML 2Page - Unisonic Technologies U7SH02-AL5-R Datasheet HTML 3Page - Unisonic Technologies U7SH02-AL5-R Datasheet HTML 4Page - Unisonic Technologies U7SH02-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U7SH02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-095,A
DYNAMIC CHARACTERISTICS (Ta=25 ℃, Input: tR, tF=3ns)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
5.5
7.9
tPHL
VCC =3.3V±0.3V, CL=15 pF
5.5
7.9
tPLH
8.0
11.4
Propagation delay from input
(A or B) to output(Y)
tPHL
VCC =3.3V±0.3V, CL=50 pF
8.0
11.4
ns
tPLH
3.8
5.5
tPHL
VCC= 5V±0.5V, CL=15 pF
3.8
5.5
tPLH
5.3
10
Propagation delay from input
(A or B) to output(Y)
tPHL
VCC= 5V±0.5V, CL=50 pF
5.3
10
ns
OPERATING CHARACTERISTICS
Power Dissipation Capacitance
Cpd
No load
15
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com