Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL594L-P16-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # TL594L-P16-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594L-P16-R Datasheet(HTML) 8 Page - Unisonic Technologies

  TL594L-P16-R Datasheet HTML 1Page - Unisonic Technologies TL594L-P16-R Datasheet HTML 2Page - Unisonic Technologies TL594L-P16-R Datasheet HTML 3Page - Unisonic Technologies TL594L-P16-R Datasheet HTML 4Page - Unisonic Technologies TL594L-P16-R Datasheet HTML 5Page - Unisonic Technologies TL594L-P16-R Datasheet HTML 6Page - Unisonic Technologies TL594L-P16-R Datasheet HTML 7Page - Unisonic Technologies TL594L-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TL594
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R103-031,A
TYPICAL CHARACTERISTICS
Figure 5.
Oscillator Frequency and FrequencyVariation
(Note1) vs
Timing Resistance
1k
100
10
1k
4k
Timing Resistance, RT (Ω)
100k
40k
10k
4k
400
40
40k
100k
1M
VCC = 15V
TA = 25°C
400k
10k
0.001μF
0.01μF
0.1μF
Note 1. Frequency variation (∆f) is the change in oscillator frequency that occurs over the full temperature range.
Figure 6.
AmplifierVoltageAmplificationvs Frequency
50
20
0
110
Frequency, f (Hz)
100
90
70
60
40
10
1k
10k
1M
VCC = 15V
Δ
VOUT = 3V
TA = 25°C
100k
100
30
80
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com