Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431K-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL431K-T92-R
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431K-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL431K-T92-R Datasheet HTML 1Page - Unisonic Technologies TL431K-T92-R Datasheet HTML 2Page - Unisonic Technologies TL431K-T92-R Datasheet HTML 3Page - Unisonic Technologies TL431K-T92-R Datasheet HTML 4Page - Unisonic Technologies TL431K-T92-R Datasheet HTML 5Page - Unisonic Technologies TL431K-T92-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL431
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R103-003,R
PROGRAMMABLE PRECISION
REFERENCE
.
DESCRIPTION
The UTC TL431 is a three-terminal adjustable regulator with a
guaranteed thermal stability over applicable temperature ranges.
The output voltage may be set to any value between VREF
(approximately 2.5V) and 36 V with two external resistors. It
provides very wide applications, including shunt regulator, series
regulator, switching regulator, voltage reference and others.
FEATURES
*Programmable output Voltage to 36V.
*Low dynamic output impedance 0.2
Ω.
*Sink current capability of 1.0 to 100mA.
*Equivalent full-range temperature coefficient of 50ppm/
°C
typical for operation over full rated operating temperature range.
TO-92
1
SOP-8
SOT-89
1
SOT-25
SOT-23
1
3
2
4
5
3
2
1
*Pb-free plating product number: TL431K
*Pb-free plating product for SOT-23NS type
number: TL431NSL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
1
2
3
4
5
6
7
8
Package
Packing
TL431-AB3-R
TL431K-AB3-R
R A K
-
-
-
-
-
SOT-89
Tape Reel
TL431-AE3-R
TL431K-AE3-R
K R A
-
-
-
-
-
SOT-23
Tape Reel
TL431NS-AE3-R
TL431NSL-AE3-R
R K A
-
-
-
-
-
SOT-23
Tape Reel
TL431-AF5-R
TL431K-AF5-R
X X K R A
-
-
-
SOT-25
Tape Reel
TL431-S08-R
TL431K-S08-R
K AAXX AA R
SOP-8
Tape Reel
TL431-S08-T
TL431K-S08-T
K AAXX AA R
SOP-8
Tube
TL431-T92-B
TL431K-T92-B
R A K
-
-
-
-
-
TO-92
Tape Box
TL431-T92-K
TL431K-T92-K
R A K
-
-
-
-
-
TO-92
Bulk
TL431-T92-R
TL431K-T92-R
R A K
-
-
-
-
-
TO-92
Tape Reel
Note: Pin Code:
K: Cathode
A: Anode
R: Reference
X: No Connection
TL431K-AB3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube
(2) AB3: SOT-89, AE3: SOT-23, AF5: SOT-25,
S 08:SOP-8, T92: TO-92
(3) K: Lead Free Plating, Blank: Pb/Sn
L : Lead Free Plating, Only for SOT-23NS Type
MARKING (SOT-23/SOT-25)
431
431N
For TL431
For TL431NS
Lead Plating
Lead Plating


Similar Part No. - TL431K-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431K-T92-R UTC-TL431K-T92-R Datasheet
273Kb / 7P
4PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - TL431K-T92-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com