Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC14-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC14-S14-R
Description  HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC14-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC14-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC14-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC14-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC14-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC14-S14-R Datasheet HTML 5Page - Unisonic Technologies U74HC14-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HC14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-071,A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
-0.5V~9V
V
DC Input Clamp Current
For VIN < -0.5V or VIN > VCC + 0.5V
IIK
±20mA
mA
DC Output Clamp Current
For VOUT < -0.5V or VOUT > VCC + 0.5V
IOK
±20mA
mA
DC Drain Current, per Output
For -0.5V < VOUT < VCC +0.5V
IOUT
±25mA
mA
DC Output Source or Sink Current Per
Output Pin
For VOUT> -0.5V or VOUT < VCC + 0.5V
IOUT
±25mA
mA
DC VCC or Ground Current
ICC
±50mA
mA
Operating Conditions
Supply Voltage Range HC Types
VCC
0V~VCC
V
DC Input or Output Voltage
VIN, VOUT
0V~VCC
V
Operating Temperature
TA
-40~ +85℃
V
Storage Temperature
TSTG
-65 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction Ambient
θJA
86
℃
/W
ELECTRICAL CHARACTERISTICS (TA = 25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=2V
0.7
1.2
1.5
V
VCC=4.5V
1.55
2.5
3.15
V
VIH
VCC=6V
2.1
3.3
4.2
V
VCC=2V
0.3
0.6
1
V
VCC=4.5V
0.9
1.6
2.45
V
Input Switch Points
VIL
VCC=6V
1.2
2
3.2
V
VIN=VIH or VIL, VCC=2V, IOUT=-0.02mA
1.9
V
VIN=VIH or VIL, VCC=4.5V, IOUT=-0.02mA
4.4
V
High Level Output Voltage CMOS
Loads
VIN=VIH or VIL, VCC=6V, IOUT=-0.02mA
5.9
V
VIN=VIH or VIL, VCC=4.5V, IOUT=-4 mA
3.98
V
High Level Output Voltage TTL
Loads
VOH
VIN=VIH or VIL, VCC=6V, IOUT=-5.2 mA
5.48
V
VIN=VIH or VIL, VCC=2V, IOUT=0.02 mA
0.1
V
VIN=VIH or VIL, VCC=4.5V, IOUT=0.02 mA
0.1
V
Low Level Output Voltage CMOS
Loads
VIN=VIH or VIL, VCC=6V, IOUT=0.02 mA
0.1
V
VIN=VIH or VIL, VCC=4.5V, IOUT=4 mA
0.26
V
Low Level Output Voltage TTL
Loads
VOL
VIN=VIH or VIL, VCC=6V, IOUT=5.2 mA
0.26
V
Input Leakage Current
IIN
VIN=VCC and GND, VCC=6V
±
0.1
µA
Quiescent Device Current
ICC
VIN=VCC or GND, VCC=6V, IOUT=0
2
µA
Note 1. For dual-supply systems theoretical worst case (VIN = 2.4V, VCC = 5.5V) specification is 1.8mA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com