Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC32-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC32-S14-R
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC32-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC32-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC32-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC32-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC32-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC32-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-075,B
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range
VCC
1.0~7.0
V
Input Clamp Current
IIK (VIN<0 or VIN>VCC (see Note 1)
±20
mA
Output Clamp Current
IOK (VOUT<0 or VOUT>VCC(see Note 1)
±20
mA
Continuous Output Current
IO(VOUT = 0 ~ VCC)
±25
mA
Continuous Current Through
VCC or GND
±50
mA
Storage Temperature
TSTG
-65 ~ +150
℃
Note : 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-14
86
℃
/W
DIP-14
80
℃
/W
Thermal Resistance Junction Ambient
TSSOP-14
θJA
113
℃
/W
RECOMMENDED OPERATING CONDITIONS (TA = 25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
2
4.5
6
V
VCC = 2 V
1.4
V
VCC = 4.5 V
3
V
High-Level Input Voltage
VIH
VCC = 6 V
4.2
V
VCC = 2 V
0.7
V
VCC = 4.5 V
1.5
V
Low- Level Input Voltage
VIL
VCC = 6 V
2
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input transition Rise/Fall Time
dt/dv
VCC = 4.5 V
500
ns
Operating Free-Air Temperature
TA
-40
85
℃
Note: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC =4.5V, VIN = VIH or VIL, IOH=−20µA
4.4
4.5
High-Level Output Voltage
VOH
VCC =4.5V, VIN = VIH or VIL, IOH=−4mA
3.98
4.3
V
VCC =4.5V, VIN = VIH or VIL, IOL=20µA
0.001
0.1
Low-level Input Voltage
VOL
VCC =4.5V, VIN = VIH or VIL, IOL=4mA
0.18
0.26
V
Input Current
IIN
VCC =6V, VIN=VCC or 0
±0.1
±100
nA
Quiescent Supply Current
ICC
VCC =6V, VIN=VCC or 0, IOUT=0
20
µA
Operating Characteristics
Power Dissipation Capacitance Per
Gate
Cpd
No load
20
pF
Note: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com