Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U9751B-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U9751B-S16-R
Description  DOUBLE CHANNELS PWM CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9751B-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U9751B-S16-R Datasheet HTML 1Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 2Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 3Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 4Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 5Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U9751B
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R103-034,A
DOUBLE CHANNELS PWM
CONTROLLER
DESCRIPTION
The UTC U9751B consists of two PWM control circuits. Two
PWM controllers is independent each other. It is low cost in many
applications.
FEATURES
* Switch frequency: 400KHz
* ISINK =400mA
* Wide work voltage
* Programmable dead-time control
* UVLO protection
* SCP protection
* Lower static supply current
APPLICATION
* DC/DC converters for video cameras、backlight inverter and
notebook computers etc.
SSOP-16(150mil)
DIP-16
SOP-16
*Pb-free plating product number: U9751BL
ORDER INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
U9751B-D16-T
U9751BL-D16-T
DIP-16
Tube
U9751B-S16-R
U9751BL-S16-R
SOP-16
Tape Reel
U9751B-S16-T
U9751BL-S16-T
SOP-16
Tube
U9751B-R16-R
U9751BL-R16-R
SSOP-16
Tape Reel
U9751B-R16-T
U9751BL-R16-T
SSOP-16
Tube
U9751BL-D16-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D16: DIP-16, S16: SOP-16, R16: SSOP-16
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - U9751B-S16-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
U9751B-S16-R ETL-U9751B-S16-R Datasheet
137Kb / 6P
DOUBLE CHANNELS PWM CONTROLLER
logo
Unisonic Technologies
U9751B-S16-R UTC-U9751B-S16-R Datasheet
137Kb / 6P
DOUBLE CHANNELS PWM CONTROLLER
More results

Similar Description - U9751B-S16-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
High Speed Double-Ended PWM Controller
1996 REV 1
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
Advanced Double-Ended PWM Controller
October 31, 2008
logo
E-Tech Electronics LTD
U9751B ETL-U9751B Datasheet
137Kb / 6P
DOUBLE CHANNELS PWM CONTROLLER
logo
Unisonic Technologies
U9751B UTC-U9751B_15 Datasheet
137Kb / 6P
DOUBLE CHANNELS PWM CONTROLLER
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
Advanced Double-Ended PWM Controller
October 31, 2008
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
Advanced Double-Ended PWM Controller
January 31, 2014
logo
ON Semiconductor
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
logo
Intersil Corporation
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
Advanced Double-Ended PWM Controller
November 3, 2015
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
Advanced Double-Ended PWM Controller
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
Advanced Double-Ended PWM Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com