Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U9751B-R16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U9751B-R16-R
Description  DOUBLE CHANNELS PWM CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9751B-R16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U9751B-R16-R Datasheet HTML 1Page - Unisonic Technologies U9751B-R16-R Datasheet HTML 2Page - Unisonic Technologies U9751B-R16-R Datasheet HTML 3Page - Unisonic Technologies U9751B-R16-R Datasheet HTML 4Page - Unisonic Technologies U9751B-R16-R Datasheet HTML 5Page - Unisonic Technologies U9751B-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
U9751B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R103-034,A
TYPICAL APPLICATION
Typical Application
R14
Q4
Q3
R19
C14
R17
1k
M2
9435
C13
100uF
L3 20uH
D2
SCD24
R23
1.21k 1%
R22
2k 1%
R24
C16
220uF/16 V
Vout 2
Vout1
C10
220 uF/16V
Q2
Q1
R18
C8
R16
1k
M1
9435
C17
100uF
L2 20uH
D1
SCD24
R21
3.3k 1%
R20
10k 1% R25
R15
1k
C9
C15
R13
1k
R12
R11
33k
CT
REF
RT
SCP
EAINV1
EAINV2
EAOUT1
EAOUT 2
FB1
FB2
DTC1
DTC2
OUT1
OUT2
GND
VCC
IC1
R10 33k
C7 0.027uF
R9 33k
C20.33uF
R7
10k
R6
10k
C12
C11
R8
R5
UTC U9751B
R3
33k
C6
0.027uF
C4
R2
33k
C3
100uF
R1
33k
C1 330pF
R4 10k
Vin
C5
TIMING WAVEFORM
H
L
1.3V
0V
SCP Enabel Output
SCP Waveform
Output Waveform
(H shutdown)
Error Amplifier Output
CT Waveform
H
L
Timing Diagram
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com