Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS355 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 1SS355
Description  Swiching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

1SS355 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  1SS355 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 1SS355 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Swiching Diode
1SS355
www.iscsemi.com
2023-9-7
1
FEATURES
·
High relability
·
Ultra small mold type
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
90
V
VR
DC Blocking Voltage
80
V
IF(AV)
Average Rectified Forward Current
100
mA
IFSM
Peak forward surge current
255
mA
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 100mA
1.2
V
IR
Maximum Instantaneous Reverse Current
VR= VRWM
0.1
uA
trr
Maximum Reverse Recovery Time
IF =10mA;VR=6V,
RL=100Ω
4
ns
CD
Maximum Diode capacitance
VR=VF=0V, f =1MHZ
3
pF


Similar Part No. - 1SS355

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results

Similar Description - 1SS355

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK13H90A1 TOSHIBA-TK13H90A1 Datasheet
238Kb / 6P
Swiching Regulator Applications
logo
Guangdong Kexin Industr...
BAS140WS KEXIN-BAS140WS Datasheet
34Kb / 1P
SILICON SWICHING DIODE
2PB709A KEXIN-2PB709A Datasheet
40Kb / 2P
SILICON SWICHING DIODE
BAS16-03W KEXIN-BAS16-03W Datasheet
36Kb / 2P
SILICON SWICHING DIODE
logo
SeCoS Halbleitertechnol...
SCS355T SECOS-SCS355T Datasheet
467Kb / 2P
SurfaceMount Swiching Diode
logo
Toshiba Semiconductor
TK80F08K3 TOSHIBA-TK80F08K3 Datasheet
220Kb / 7P
Swiching Regulator
2SK4207 TOSHIBA-2SK4207 Datasheet
215Kb / 6P
Swiching Regulator Applications
logo
SHENZHEN YONGERJIA INDU...
1SS133 WINNERJOIN-1SS133 Datasheet
125Kb / 3P
High-speed swiching diode
logo
KODENSHI_AUK CORP.
SMK0260IS-1 KODENSHI-SMK0260IS-1 Datasheet
468Kb / 8P
SWICHING REGULATOR APPLICATION
logo
Toshiba Semiconductor
TJ20A10M3 TOSHIBA-TJ20A10M3 Datasheet
303Kb / 6P
Swiching Regulator Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com