Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U9751BL-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U9751BL-S16-R
Description  DOUBLE CHANNELS PWM CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9751BL-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U9751BL-S16-R Datasheet HTML 1Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 2Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 3Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 4Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 5Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U9751B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-034,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
+38
V
Differential Input Voltage
VI(DIFF)
+20
V
Output Voltage
VOUT
+38
V
Output Current
IOUT
+450
mA
Maximum Junction Temperature
TJ
+150
℃
Operating Temperature
TOPR
-20 ~ +85
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DC ELECTRONIC CHARACTERISTICS
VCC=6V, f=200kHz (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference section
Internal Reference Voltage
VREF
IOUT =1mA
2.40
2.46
2.53
V
VREF Regulation with VCC
V
△ REF
VCC =3.6V ~ 40V
3.5
mV
VREF Regulation with IO(REF)
V
△ REF
IOUT = 0.1mA to 1mA
2
mV
TA=-20℃~ 25℃
-0.1%
±1%
VREF Regulation with Temperature
TA=25℃ ~ 85℃
-0.2%
±1%
Short-Circuit Output Current
IO(SC)
VOUT =0
18
22
30
mA
Undervoltage Lockout Section
threshold Voltage(VCC)
VTHR
IO(REF) = 0.1mA,TA=25℃
2.5
2.8
3.2
V
Short-Circuit Protection Control Section
SCP Input Threshold Voltage
VI(THR)
TA= 25℃
1.2
1.3
1.5
V
SCP Comparator Threshold Voltage
VCOM(THR)
1.26
V
SCP Standby Voltage
VSTN-BY
No pull-up
110
220
mV
SCP Latched Input voltage
VI(LTH)
No pull-up
77
200
mV
Input (Source) Current
II(SOURCE)
VIN=0.7V, TA=25℃
-1.5
-2.0
-2.5
µA
Oscillator Section
Frequency
f
CT=220pF, RT=10K
400
KHZ
Deviation of Frequency
△
f
CT=220pF, RT=10K
10%
Frequency Regulation with Voltage
△
f/△V
VCC=3.6V to 40V
1%
TA=-20℃ ~ 25℃
-0.4%
±2%
Frequency Regulation with Temperature
△
f/△T
TA=25℃ ~ 85℃
-0.2%
±2%
Dead-time control section
Latched Input Voltage
VI(LTH)
IOUR(DTC)=40µA
1.9
V
Zero duty cycle
1.75
1.95
2.15
Input Threshold Voltage at f=10kHZ
VI(THR)
Maximum duty cycle
1.3
1.45
1.7
V
Input Bias Current
II(BIAS)
0.2
1
µA
Latch Mode (Source) Current
ISOURCE
TA=25℃
-620
µA
Error-Amplifier Section
Input Offset Voltage
VI(OFF)
VO(FB)=1.25V
±6
mV
Common-Mode Input Voltage Range
VI(CM)
VCC=3.6V to 40 V
0.3
1.6
V
Positive Output Voltage Swing
VO(POS)
VREF-0.2
V
Negative Output Voltage Swing
VO(NEG)
1
V
Input Offset Current
II(OFF)
VO(FB)=1.25V
±100
nA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com