Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3550L-50-AF5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3550L-50-AF5-R
Description  PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3550L-50-AF5-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UC3550L-50-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3550L-50-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3550L-50-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3550L-50-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3550L-50-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3550L-50-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3550L-50-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3550L-50-AF5-R Datasheet HTML 9Page - Unisonic Technologies UC3550L-50-AF5-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UC3550
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R502-082,A
EXTERNAL COMPONENT SELECTION
Inductor Selection
An inductor value of 10uH performs well in most application. The UC3550 series also work with inductors in the
4.7uH to 12uH range. An inductor with higher peak inductor current tends a higher output voltage ripple(IPEAK x
output filter capacitor ESR). The inductor’s DC resistance significantly affects efficiency.
Output Capacitor Selection
The output ripple voltage(IPEAK x output filter capacitor ESR)is the product of the peak inductor current and the
output capacitor Equivalent Series Resistance (ESR). Best performances are obtained with good high frequency
characteristics capacitors and low ESR. The best compromise for the value of the Output Capacitance is 220F
Tantalum Capacitor. The output capacitor as close as possible to the device pins.
Input Capacitor Selection
The Input Capacitor is required to compensate, if present, the series impedance between the Supply Voltage
Source and the Input Voltage of the Application. A value of 10 F is enough to guarantee stability
 
for distances less
than 2". In any case we suggest to connect both capacitors, The input capacitor as close as possible to the device
pins.
Diode Selection
The Schottky diode with an high switching speed and a very low Forward Voltage (VF) is needed. Higher VF may
cause lost power as heat in the diode, with a decrease of the Efficiency. Moreover, since the Output Voltage pin is
also used as the device Supply Voltage, the Start-up Voltage (see related plots) is strictly due to the diode Forward
Voltage at the rated Forward Current.
External Component Selection
An enhancement N-channel MOSFET or a bipolar NPN transistor can be used as the external switch transistor.
since enhancement N-channel MOSFET is a voltage driven device, it is a more efficient switch than a BJT transistor.
However, he MOSFET requires a higher voltage to turn on as compared with BJT transistor
For enhancement N-channel MOSFET ( it is especially importance for RDS(ON),typically<0.1Ω, threshold voltage,
VGS(TH) must be<VOUT, typically<1.5V.
For bipolar NPN transistor, continuous collector current typically 1A to 4A and VCE(SAT)<0.2V. the driving capability
is determined by the DC current gain, HFE, of the transistor and the base resistor, Rb. Moreover, a speed-up
capacitor, Cb should be connected in paralled with Rb to reduce switch loss and improve efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com