Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLS0301-L152 Datasheet(PDF) 2 Page - CUI Devices

Part # CLS0301-L152
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CLS0301-L152 Datasheet(HTML) 2 Page - CUI Devices

  CLS0301-L152 Datasheet HTML 1Page - CUI Devices CLS0301-L152 Datasheet HTML 2Page - CUI Devices CLS0301-L152 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | MODEL: CLS0301-L152 | DESCRIPTION: SPEAKER
date 08/05/2022 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
30.0
0.2
RED
BLACK
0.3
15.50.2
2.6
5.9
0.3
FREQUENCY RESPONSE CURVE
parameter
conditions/description
potentiometer range
50 dB
rectifier
RMS
lower limit frequency
20 Hz
wr. speed
100 mm/sec
zero level
60 dB
units: mm
wire: UL1007 28 AWG
length: 152 mm
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com