Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS0201KLX Datasheet(PDF) 3 Page - CUI Devices

Part # CMS0201KLX
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMS0201KLX Datasheet(HTML) 3 Page - CUI Devices

  CMS0201KLX Datasheet HTML 1Page - CUI Devices CMS0201KLX Datasheet HTML 2Page - CUI Devices CMS0201KLX Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CUI DEVICES | MODEL: CMS0201KLX | DESCRIPTION: SPEAKER
date 08/05/2022 | page 3 of 3
CUI Devices offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI Devices reserves the right to make changes to the product at any time without notice. Information provided by CUI Devices is believed to be accurate
and reliable. However, no responsibility is assumed by CUI Devices for its use, nor for any infringements of patents or other rights of third parties which may
result from its use.
CUI Devices products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A
critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or effectiveness.
cuidevices.com
rev.
description
date
1.0
initial release
07/25/2007
1.01
base thickness changed from 3.0 mm to 2.9 mm
05/06/2008
1.02
updated datasheet
02/01/2010
1.03
brand update
06/04/2020
1.04
logo, datasheet style update
08/05/2022
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com