Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3844L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC3844L-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3844L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC3844L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3844L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3844L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3844L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3844L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3844L-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3844L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UC3844/45
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R103-010,C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE SECTION
Current Sense Input Voltage Gain
(Note 2 & 3)
GV
2.85
3.0
3.15
V/V
Maximum Current Sense Input
Threshold (Note 2)
VI(THR)
0.9
1.0
1.1
V
Input Bias Current
II(BIAS)
-2.0
-10
μA
Power Supply Rejection Ratio
PSRR
VCC=12V ~ 25V (Note4)
70
dB
Propagation Delay
tPLH(IN/OUT)
150
300
ns
OUTPUT SECTION
ISINK=20mA
0.1
0.4
Low
VOL
ISINK=200mA
1.6
2.2
V
ISINK=20mA
13
13.5
Output Voltage
High
VOH
ISINK=200mA
12
13.4
V
Output Voltage with UVLO Activated
VOL(UVLO)VCC=6.0V, ISINK=1.0mA
0.1
1.1
V
Output Voltage Rise Time
tR
CL=1.0nF,TJ=25°C
50
150
ns
Output Voltage Fall Time
tF
CL=1.0nF,TJ=25°C
50
150
ns
UNDERVOLTAGE LOCKOUT SECTION
UC3844
14.5
16.0
17.5
Startup Threshold
UC3845
VTHR
7.8
8.4
9.0
V
UC3844
8.5
10.0
11.5
Minimum Operating
Voltage After Turn-On
UC3845
VCC(MIN)
7.0
7.6
8.2
V
PWM SECTION
Max
DCMAX
47
48
50
%
Duty Cycle
Min
DCMIN
0
%
TOTAL DEVICE
Power Supply Zener Voltage
VZ
ICC=25mA
30
36
-
V
UC3845
VCC=6.5V
0.5
1.0
Power Supply Current
(Note 4)
UC3844
ICC
VCC=14V
12
17
mA
Note: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient
as possible.
2. This parameter is measured at the latch trip point with VFB=0V.
3. Comparator gain is defined as:
ΔV Output Compensation
AV=
ΔV Current Sense Input
4. Adjust VCC above the startup threshold before setting to 15V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com