Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069486 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1069486
Description  M17-3ES1N8A8004/1,5 - Cable connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069486 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 1069486 Datasheet HTML 3Page - PHOENIX CONTACT 1069486 Datasheet HTML 4Page - PHOENIX CONTACT 1069486 Datasheet HTML 5Page - PHOENIX CONTACT 1069486 Datasheet HTML 6Page - PHOENIX CONTACT 1069486 Datasheet HTML 7Page - PHOENIX CONTACT 1069486 Datasheet HTML 8Page - PHOENIX CONTACT 1069486 Datasheet HTML 9Page - PHOENIX CONTACT 1069486 Datasheet HTML 10Page - PHOENIX CONTACT 1069486 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1069486
UL Listed
Approval ID: E468743-20230831
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
600 V
18 A
-
2.5
cUL Listed
Approval ID: E468743-20230831
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
600 V
15 A
2,5
-
cULus Listed
M17-3ES1N8A8004/1,5 - Cable connector
1069486
https://www.phoenixcontact.com/us/products/1069486
Oct 10, 2023, 5:17 AM
Page 7 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com