Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5551L-B-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N5551L-B-T92-R
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N5551L-B-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N5551L-B-T92-R Datasheet HTML 1Page - Unisonic Technologies 2N5551L-B-T92-R Datasheet HTML 2Page - Unisonic Technologies 2N5551L-B-T92-R Datasheet HTML 3Page - Unisonic Technologies 2N5551L-B-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N5551
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R201-002.B
HIGH VOLTAGE SWITCHING
TRANSISTOR
FEATURES
* High collector-emitter voltage:
VCEO=160V
* High current gain
APPLICATIONS
* Telephone switching circuit
* Amplifier
TO-92
1
1
SOT-89
*Pb-free plating product number: 2N5551L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2N5551-x-AB3-R
2N5551L-x-AB3-R
SOT-89
B
C
E
Tape Reel
2N5551-x-T92-B
2N5551L-x-T92-B
TO-92
E
B
C
Tape Box
2N5551-x-T92-K
2N5551L-x-T92-K
TO-92
E
B
C
Bulk
2N5551L-x-AB3-R
(1)Packing Type
(2)Package Type
(4)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) T92: TO-92, AB3: SOT-89
(4) L: Lead Free Plating, Blank: Pb/Sn
(3)Rank
(3) x: refer to Classification of hFE


Similar Part No. - 2N5551L-B-T92-R

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
2N5551L-x-251-K BWTECH-2N5551L-x-251-K Datasheet
215Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Unisonic Technologies
2N5551L-X-AB3-R UTC-2N5551L-X-AB3-R Datasheet
175Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Bruckewell Technology L...
2N5551L-x-AB3-R BWTECH-2N5551L-x-AB3-R Datasheet
215Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Unisonic Technologies
2N5551L-X-T92-A-B UTC-2N5551L-X-T92-A-B Datasheet
213Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
2N5551L-X-T92-A-K UTC-2N5551L-X-T92-A-K Datasheet
213Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Similar Description - 2N5551L-B-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZT5401 UTC-PZT5401 Datasheet
52Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1759 KEXIN-2SA1759 Datasheet
52Kb / 2P
High-Voltage Switching Transistor
logo
Unisonic Technologies
2N5551 UTC-2N5551_10 Datasheet
175Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401 Datasheet
110Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5551 UTC-MMDT5551 Datasheet
110Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMBT5401 UTC-MMBT5401_15 Datasheet
116Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5401 UTC-PZT5401_15 Datasheet
103Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551 UTC-PZT5551_15 Datasheet
199Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401_15 Datasheet
106Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
ARTSCHIP ELECTRONICS CO...
MMBT5551 ARTSCHIP-MMBT5551 Datasheet
1Mb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com