Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165X16909X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 165X16909X
Description  D-SUB Shielded cap 9-37pos., protection against EMI/RFI for socket connector, with jack screw
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

165X16909X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  165X16909X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
scale
/Maßstab:
05.10.2005
05.10.2005
Mickenbecker
Name
Lehmenkühler
R
dim. in mm
16K1A1514
dwg no /
Z.-nr.:
RoHS compliant/konform
Date/Datum
appd./
gepr..
drawn/
gez.
DIN-
A3
D-SUB Shielded cap 9-37pos., protection against EMI/RFI
for socket connector, with jack screw
D-SUB Abschirmkappe 9-37pos., Schutz vor EMI/RFI
für Buchsenstecker, mit Rändelschraube
2:1
Index:
c Ä19-0060 15.04.2019 JLE
Status:
InBearbeitung
1 / 1
165X169....
CONEC ABC
Materials/
Werkstoffe:
Shell/
Gehäuse:
Steel, Sn over Ni
Jack screw/
Rändelschraube:
Threaded insert/
Gewindeeinsatz:
Cu alloy, Sn over Ni
Steel, Ni
Collar/
Scheibe:
Cu alloy, Sn over Ni
Collar/
Scheibe
Threaded insert/
Gewindeeinsatz
Jack screw/
Rändelschraube
Installation specification/
Montagedaten:
Recommended torque
value for thread/
Empfohlenes Drehmoment
für Gewinde:
max. 6 in.LB/
max. 67 Ncm
10°
A
C
B
4
n
4-40 UNC
No. of pos./
Polzahl:
A
B
31,19
39,52
53,42
69,70
C
D
9
15
25
37
16,79
25,12
38,84
55,30
25,00
33,30
47,04
63,50
6,12
6,12
5,99
5,99
-0,76
+0,25
-0,3
+0,12
-0,13
+0,15
-0,1
`0,13
±0,13
Part no. / Part marked/
Art.-Nr. / Bedruckung:
165X16909X
165X16919X
165X16929X
165X16939X
8,26 - 0,03
0,22
+
c
c


Similar Part No. - 165X16909X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X16949X CONEC-165X16949X Datasheet
190Kb / 1P
SCREEN CAP 50pos. for socket connector with jack screw
21.01.15
165X16959X CONEC-165X16959X Datasheet
119Kb / 1P
SCREEN CAP 9-50pos. FOR PLUG CONNECTOR with threaded insert and jackscrew
11.05.10
165X16959XE CONEC-165X16959XE Datasheet
119Kb / 1P
SCREEN CAP 9-50pos. FOR PLUG CONNECTOR with threaded insert and jackscrew
11.05.10
165X16969X CONEC-165X16969X Datasheet
119Kb / 1P
SCREEN CAP 9-50pos. FOR PLUG CONNECTOR with threaded insert and jackscrew
11.05.10
165X16969XE CONEC-165X16969XE Datasheet
119Kb / 1P
SCREEN CAP 9-50pos. FOR PLUG CONNECTOR with threaded insert and jackscrew
11.05.10
More results

Similar Description - 165X16909X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
16-000230 CONEC-16-000230 Datasheet
94Kb / 1P
SCREEN CAP 9-37pos. FOR SOCKET CONNECTOR with threaded insert, jackscrew and wire rope
30.04.08
16-000790 CONEC-16-000790 Datasheet
93Kb / 1P
SCREEN CAP 9-37pos. FOR SOCKET CONNECTOR with threaded insert, jackscrew and wire rope
17.11.08
16-001000 CONEC-16-001000 Datasheet
84Kb / 1P
SCREEN CAP 9-37pos. FOR SOCKET CONNECTOR with threaded insert, screw and wire rope
20.11.08
16-001100 CONEC-16-001100 Datasheet
81Kb / 1P
SCREEN CAP 9-37pos. FOR PLUG CONNECTOR with threaded insert, screw and wire rope
20.11.08
165X16729X CONEC-165X16729X Datasheet
174Kb / 1P
COVERED SCREEN CAP 9-37pos. for socket connector
26.04.01
165X16859X CONEC-165X16859X Datasheet
130Kb / 1P
SCREEN CAP 9-50pos. for socket connector with jack screw
02.01.12
165X16949X CONEC-165X16949X Datasheet
190Kb / 1P
SCREEN CAP 50pos. for socket connector with jack screw
21.01.15
600X518015X CONEC-600X518015X Datasheet
35Kb / 1P
DUST CAP for sockef connector 9 - 37pos.
2015.04.03.
6STD09AAA99B90X CONEC-6STD09AAA99B90X Datasheet
109Kb / 1P
D-SUB ADAPTER 9-37pos. WATERTIGHT
22.10
6STD37AAA99B90X CONEC-6STD37AAA99B90X Datasheet
109Kb / 1P
D-SUB ADAPTER 9-37pos. WATERTIGHT
22.10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com