Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INS8250 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # INS8250
Description  A Comparison of the INS8250, NS16450 and NS16550AF Series of UARTs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

INS8250 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  INS8250 Datasheet HTML 1Page - National Semiconductor (TI) INS8250 Datasheet HTML 2Page - National Semiconductor (TI) INS8250 Datasheet HTML 3Page - National Semiconductor (TI) INS8250 Datasheet HTML 4Page - National Semiconductor (TI) INS8250 Datasheet HTML 5Page - National Semiconductor (TI) INS8250 Datasheet HTML 6Page - National Semiconductor (TI) INS8250 Datasheet HTML 7Page - National Semiconductor (TI) INS8250 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 Bit No 6 (TSRE) of the line status register is set as soon
as the transmitter shift register empties whether or not
the transmitter holding register contains a character Bit
No 6 is then reset when the transmitter shift register is
reloaded
Recommendation This will not cause problems in normal
operation However it is a function tested on some popu-
lar 8088-based microcomputer systems diagnostic pro-
grams
3 In loopback mode the modem control outputs RTS DTR
OUT1 and OUT2 remain connected to the associated
Modem Control Register bits
30 INS8250A and NS16450
Function and Timing
Considerations
1 The loopback diagnostic function sets the modem control
outputs RTS DTR OUT1 and OUT2 to their inactive
state (logic ‘‘1’’) so they will send no spurious signals
2 A one byte scratch pad register is included at location
111 This register is not on the INS8250 or -B
3 When multiple interrupts are pending the interrupt line re-
mains high rather than pulsing low after each interrupt is
serviced The INS8250A and NS16450 have level sensi-
tive interrupts as opposed to edge-triggered interrupts
This requires a change in the UART driver software or
associated hardware if the INS8250A NS16450 is used
with some popular microcomputers and their edge-trig-
gered ICUs (see Section 60)
4 Bit 6 of the line status register is set to 1 when both the
transmitter holding and shift register are empty This
causes the INS8250A and NS16450 to be incompatible
with some INS8250 software utilizing this bit
31 TIMING CONSIDERATIONS
1 A start bit will be sent typically 16 clocks (1 bit time) after
the WRTHR signal goes active
2 The leading edge of WRTHR resets THRE and TEMT
3 All of the line status errors and the received data flag
(DR data ready) are set during the time of the first stop
bit
4 TEMT is set 2 RCLK clock periods after the stop bit(s) are
sent
5 The modem control register updates the modem outputs
on the trailing edge of WRMCR
40 INS82C50A and NS16C450
Function and Timing
Considerations
All of the information presented in Sections 30 through 32
is applicable to the CMOS parts In addition the following
items specify differences between XMOS and CMOS parts
They are applicable to the CMOS parts only
1 Anytime a reset pulse is issued to the INS82C50A or
NS16C450 the divisor latches must be rewritten with the
appropriate divisors in order to start the baud rate gener-
ator
2 tSI is from 16 to 48 RCLK cycles in length
50 NS16550AF and NS16550 Func-
tion and Timing Considerations
All of the information present in Sections 30 and 31 is ap-
plicable to the NS16550AF and NS16550
The primary difference between these two parts is in the
operation of the FIFOs The NS16550 will sometimes trans-
fer extra characters when the CPU reads the RX FIFO Due
to the asynchronous nature of this failure there is no work-
around and the NS16550 should NOT be used in the FIFO
mode The NS16550AF has no problems operating in the
FIFO mode and should be used on all new designs
The programmer should note the difference in the function
of bit 6 in the Interrupt Identification Register (IIR6) This bit
is permanently at logical 0 in the NS16550
In the
NS16550AF this bit will be set to a 1 when the FIFOs are
enabled In both parts bit 7 of the IIR is set to a 1 when the
FIFOs are enabled Therefore the program can distinguish
when the FIFOs are enabled and whether the part is an
NS16550AF or an NS16550 by checking these two bits In
order to enable the FIFO mode and set IIR6 and IIR7 bit 0 of
the FIFO Control Register (FCR0) should be set Remember
unless both bits IIR6 and IIR7 are set the program should
not transfer data via the FIFOs
The following are improvements in the AC timings for the
NS16550AF over the NS16450
1 tAR changes from 60 ns to 30 ns
2 tCSW changes from 50 ns to 30 ns
3 tCSR changes from 50 ns to 30 ns
4 RC changes from 360 ns to 280 ns
5 tRC changes from 175 ns to 125 ns
6 tDS changes from 40 ns to 30 ns
7 tDH changes from 40 ns to 30 ns
8 tAW changes from 60 ns to 30 ns
9 tWC changes from 200 ns to 150 ns
10 WC changes from 360 ns to 280 ns
11 Timing parameters specified by tSINT will change in
some cases when the FIFOs are enabled Refer to the
data sheet for specific changes
TLC9320 – 2
FIGURE 2 Serial Data Timing
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com