Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF040B Datasheet(PDF) 39 Page - Microchip Technology

Part # SST25WF040B
Description  4 Mbit 1.8V SPI Serial Flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF040B Datasheet(HTML) 39 Page - Microchip Technology

Back Button SST25WF040B Datasheet HTML 33Page - Microchip Technology SST25WF040B Datasheet HTML 34Page - Microchip Technology SST25WF040B Datasheet HTML 35Page - Microchip Technology SST25WF040B Datasheet HTML 36Page - Microchip Technology SST25WF040B Datasheet HTML 37Page - Microchip Technology SST25WF040B Datasheet HTML 38Page - Microchip Technology SST25WF040B Datasheet HTML 39Page - Microchip Technology SST25WF040B Datasheet HTML 40Page - Microchip Technology SST25WF040B Datasheet HTML 41Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
 2013-2018 Microchip Technology Inc.
DS20005193E-page 39
SST25WF040B
8.0
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
XXX
XX
Endurance/
Operating
Device
Device:
SST25WF040B
= 4 Mbit,1.65-1.95V, Serial Flash Memory
Tape and
Reel Flag:
T
= Tape and Reel
Operating
Frequency:
40
= 40 MHz
Temperature:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
NP
= USON (2mm x 3mm Body), 8-contact
SN
= SOIC (150 mil Body), 8-lead
Valid Combinations:
SST25WF040BT-40I/NP
SST25WF040B-40I/SN
SST25WF040BT-40I/SN
SST25WF040B-40E/SN
SST25WF040BT-40E/SN
X
Tape/Reel
Indicator
Frequency
XX
Package
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com